Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650ABCZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD6650ABCZ
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650ABCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD6650ABCZ Datasheet HTML 33Page - Analog Devices AD6650ABCZ Datasheet HTML 34Page - Analog Devices AD6650ABCZ Datasheet HTML 35Page - Analog Devices AD6650ABCZ Datasheet HTML 36Page - Analog Devices AD6650ABCZ Datasheet HTML 37Page - Analog Devices AD6650ABCZ Datasheet HTML 38Page - Analog Devices AD6650ABCZ Datasheet HTML 39Page - Analog Devices AD6650ABCZ Datasheet HTML 40Page - Analog Devices AD6650ABCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
AD6650
Rev. A | Page 36 of 44
Reg.
(Hex)
Mnemonic
Bit
Width
Description
Additional Information
10
AGC Control 4
13
Fast attack and fast decay loop parameters.
Code
Step size (dB)
12 to 10: FD_Step
3
Fast decay step size.
0
0 dB
1
0.094 dB
2
0.188 dB
.
.
.
.
6
0.564 dB
7
0.658 dB
Code
Threshold
9 to 8: FA_Thresh
2
0
−6.02 dBFS
1
−3.1 dBFS
2
−0.915 dBFS
Fast attack threshold measured at the
antialiasing filters.
3
0 dBFS
Code
Count
7 to 4: FA_Count
4
0
1
1
2
2
3
.
.
.
.
14
14
Fast attack count. The fast attack loop steps
the gain down by FA_Step for FA_Count
number of clock cycles.
15
15
Code
Step size (dB)
3 to 0: FA_Step
4
Fast attack step size.
0
0 dB
1
0.094 dB
2
0.188 dB
.
.
.
.
14
1.316 dB
15
1.41 dB
11
AGC Control 5
16
Slow loop peak detector period.
Code
Samples (fS
clock cycles)
8
0
0
1
1
2
2
.
.
.
.
254
254
15 to 8: SPB Peak
Detector Period
Signal plus blocker peak detector period for
the slow loop; fS = 26 MHz; fSYM =270.833 kHz;
SPB peak period = ¼ × (fSAMP/fSYM).
255
255
7 to 0: Reserved
8
Reserved.
Must be written 8’b00000000
12
Reserved
7
Reserved.
Must be written 7’b0000000
13
AGC Control 7
Code
Threshold
8 to 0: FD SPB Threshold
Fast decay signal plus blocker threshold.
0
0 dBFS
1
−0.094 dBFS
2
−0.188 dBFS
.
.
.
.
510
−47.94 dBFS
511
−48.034 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com