Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650ABCZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD6650ABCZ
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650ABCZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD6650ABCZ Datasheet HTML 37Page - Analog Devices AD6650ABCZ Datasheet HTML 38Page - Analog Devices AD6650ABCZ Datasheet HTML 39Page - Analog Devices AD6650ABCZ Datasheet HTML 40Page - Analog Devices AD6650ABCZ Datasheet HTML 41Page - Analog Devices AD6650ABCZ Datasheet HTML 42Page - Analog Devices AD6650ABCZ Datasheet HTML 43Page - Analog Devices AD6650ABCZ Datasheet HTML 44Page - Analog Devices AD6650ABCZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
AD6650
Rev. A | Page 41 of 44
and constantly corrected. This is useful for debugging and for
use when the dc estimate can be performed at discrete
predefined times.
Even though the upper threshold register can vary between 0
and 15 and the Min_period register can vary between 1 and 31,
only certain combinations of the two are valid. This is because
the growth is restricted to 34 bits. Equation 2
3 can be used to
determine if a combination of values is valid. If C < 0, the
combination is invalid; otherwise, the combination is valid.
C = 34 − (2 × (16 − Upper Threshold) + Min_period)
(2
3)
0x0C: AGC Control 0 [3:0]
Bit 3
The force VGA gain control register allows the user to force the
VGA gain to a specific value. This control line overrides the slow
loop, fast decay loop, and fast attack loop when enabled. By setting
this bit low, the force VGA gain control is disabled. By setting
this bit high, the force VGA gain control is enabled. For normal
operation, this bit should be disabled.
Bit 2
By setting this bit high, the fast decay loop is enabled; by setting
this bit low, the fast decay loop is disabled. It is recommended
that the fast decay loop be enabled for normal operation. For a
description of the fast decay functionality, see the AGC
Loop/Relinearization section.
Bit 1
By setting this bit high, the fast attack loop is enabled; by setting
this bit low, the fast attack loop is disabled. It is recommended
that the fast decay loop be enabled for normal operation. For a
description of the fast attack functionality, see the AGC
Loop/Relinearization section.
Bit 0
This bit is reserved and should be written low.
0x0D: AGC Control 1 [8:0]
If the force VGA bit is enabled in AGC Control Register 0
(Bit 3 = 1), this register controls the gain setting for the VGA.
The gain is controlled in 0.094 dB steps with a maximum gain
of 36 dB. Code 0 corresponds to 0 dB gain or minimum gain,
whereas Code 383 corresponds to 36 dB gain or maximum gain.
0x0E: AGC Control 2 [15:0]
The AGC Control 2 register is a 16-bit register that sets the
amount of hysteresis used in the AGC loop and sets the
requested level for the AGC loop.
Bit 15 to Bit 8
These upper bits set the hysteresis level in 0.094 dB steps. Code 0
corresponds to 0 dB of hysteresis, and Code 255 corresponds to
±23.97 dB of hysteresis.
Bit 7 to Bit 0
These lower eight bits set the requested level for the AGC slow
loop. Setting the code to 0 sets the requested level to +4 dBm,
which corresponds to the full-scale input of the AD6650.
Setting the code to 255 sets the requested level to −19.97 dBm.
0x0F: AGC Control 3 [10:0]
Bit 10 to Bit 8
This 3-bit register sets the loop gain exponent
for the slow loop of the AD6650 AGC. The values can range
from 0 to 7. The equation for the loop gain is noted in the AGC
Loop/Relinearization section.
Bit 7 to Bit 6
These two bits are reserved and should be written low.
Bit 5 to Bit 0
This 6-bit register represents the loop gain mantissa for the slow
loop of the AD6650 AGC. The values for this register range from 0
to 63. The equation for the loop gain is noted in the AGC
Loop/Relinearization section.
0x10: AGC Control 4 [12:0]
Bit 12 to Bit 10
This 3-bit register is used to set the fast decay step size. The gain
continues to increase until it has reached the fast decay
threshold or until the maximum gain has been reached.
Bit 9 to Bit 8
This 2-bit register sets the threshold for the fast attack AGC
loop. When the desired signal reaches this threshold, the gain is
reduced by the FA_Step for FA_Count number of clock cycles.
Bit 7 to Bit 4
The fast attack loop steps the gain down by FA_Step for
FA_Count number of clock cycles.
Bit 3 to Bit 0
The FA_Step register determines how large a step to take once
the fast attack threshold has been reached. This value is
expressed in decibels.
0x11: AGC Control 5 [15:0]
Bit 15 to Bit 8
This 8-bit register sets the signal plus blocker peak detector
period for the AGC slow loop. It can be set from 0 to 255 samples.
Bit 7 to Bit 0
Reserved and must be written 00000000.
0x12: Reserved [6:0]
This register is reserved and must be written 0000000.
0x13: AGC Control 7 [8:0]
This 9-bit register is used to set the threshold for the fast decay
signal plus blocker. Values can range from 0 dBFS to −48 dBFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com