Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650ABCZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD6650ABCZ
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650ABCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD6650ABCZ Datasheet HTML 34Page - Analog Devices AD6650ABCZ Datasheet HTML 35Page - Analog Devices AD6650ABCZ Datasheet HTML 36Page - Analog Devices AD6650ABCZ Datasheet HTML 37Page - Analog Devices AD6650ABCZ Datasheet HTML 38Page - Analog Devices AD6650ABCZ Datasheet HTML 39Page - Analog Devices AD6650ABCZ Datasheet HTML 40Page - Analog Devices AD6650ABCZ Datasheet HTML 41Page - Analog Devices AD6650ABCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
AD6650
Rev. A | Page 37 of 44
Reg.
(Hex)
Mnemonic
Bit
Width
Description
Additional Information
Code
Count
14
16
1
1
2
2
.
.
.
.
65,534
65,534
Start Holdoff Counter
The power-up sequence is initiated with a
Soft_SYNC or Pin_SYNC and then the start
holdoff counter counts down to 1, and the
chip power-up sequence starts. 0 is an
invalid value.
65,535
65,535
Code
Decimation
15
CIC4 Decimation (MCIC4 − 1)
5
7
8
8
9
Should be ≥12 because CIC and IIR have
maximum rates of 26 MHz/12.
9
10
.
.
.
.
30
31
31
32
Code
Scale Factor
16
CIC4 Scale (Scale − 12)
4
0
12
Controls the attenuation of the data into the
CIC4 stage in 6 dB increments. This register
has a range of 12 to 20, which supports
decimations from 8 to 32 according to
Equation 4.
1
13
2
14
.
.
.
.
7
19
8
20
Code
Results
17
IIR Control
1
Sync mask.
0
Disabled
1
Enabled
Code
Decimation
18
3
Decimation of 1 to 8.
0
1
RCF Decimation Register
(MRCF − 1)
1
2
2
3
.
.
.
.
6
7
7
8
Code
Phase
19
3
Phase from 0 to MRCF − 1.
0
0
RCF Decimation Phase
(PRCF)
1
1
.
.
.
.
6
6
7
7
Code
Offset
1A
6
Range is 0 to 48 taps.
0
0
RCF Coefficient Offset
(CORCF)
1
1
2
2
.
.
.
.
46
46
47
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com