Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650ABCZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD6650ABCZ
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650ABCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6650ABCZ Datasheet HTML 20Page - Analog Devices AD6650ABCZ Datasheet HTML 21Page - Analog Devices AD6650ABCZ Datasheet HTML 22Page - Analog Devices AD6650ABCZ Datasheet HTML 23Page - Analog Devices AD6650ABCZ Datasheet HTML 24Page - Analog Devices AD6650ABCZ Datasheet HTML 25Page - Analog Devices AD6650ABCZ Datasheet HTML 26Page - Analog Devices AD6650ABCZ Datasheet HTML 27Page - Analog Devices AD6650ABCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
AD6650
Rev. A | Page 23 of 44
AD6650
VLDO
LF
CP
867Ω
1.0µF
3900pF
56000pF
200Ω
Figure 28. Loop Filter Circuit
R-DIVIDER
N-DIVIDER
R-DIVIDER
Q2
HI
HI
D2
CP
UP
DOWN
CHARGE
PUMP
CPGND
VP
N-DIVIDER
CP OUTPUT
U3
U2
CLR2
Q1
D1
U1
ADP2
ADP1
CLR1
Figure 29. PFD Simplified Schematic and Timing (Locked)
LDO
The AD6650 includes an on-chip 2.6 V low dropout (LDO)
voltage regulator that supplies the VCO and other sections of
the PLL. A 0.22 μF bypass capacitor is required on the VLDO
output to ensure stability. This LDO employs the same technology
used in the anyCAP® line of regulators from Analog Devices, Inc.,
making it insensitive to the type of capacitor used. Driving an
external load from the VLDO output is not supported.
AGC LOOP/RELINEARIZATION
The AGC consists of three gain control loops: a slow loop, a fast
attack (FA) loop, and a fast decay (FD) loop.
ADC
AGC
STATE
MACHINE
UPPER
THRESHOLD
FAST LOOP DETECTORS
SLOW LOOP, SIGNAL LEVEL
SIGNAL PLUS BLOCKER LEVEL
ADC
Figure 30. AGC Loop Block Diagram
Slow Loop
The slow loop is the main loop and is associated with a loop
gain parameter. This parameter controls the rate of change of
the gain and should always be less than 1. To determine the
loop gain, Equation 19 should be used.
Exponent
K
Mantissa
K
n
AGCLoopGai
−
×
⎟
⎠
⎞
⎜
⎝
⎛
=
2
256
(19)
where:
KMantissa is the loop gain mantissa. Values can range from 0 to 63.
KExponent is the loop gain exponent. Values can range from 0 to 7.
As the loop gain value increases, the speed of the response of
the AGC loop increases; as the loop gain value decreases, so
does the speed of the response of the AGC loop. The slow loop
attempts to maintain the signal entering the ADC at a given
level, referred to as the requested level. This level is specified in
dBFS and can be between 0 dBFS and −24 dBFS (in 0.094 dB
steps) of the converter resolution. The default value is −6.02 dBFS.
The slow loop has a peak detection function, the period of
which can be set by the user. This period should be set to ¼ of
the symbol period, or greater, to prevent the AGC loop from
gaining off the envelope of the EDGE signal. This detection
period works because the peak detector’s operation is based on
dB (max(|I|, |Q|)); therefore, all of the I/Q samples are reflected
back into one quadrant of the I/Q plane. At a 26 MHz sampling
frequency, one symbol period is 96 clock cycles. Therefore, to
obtain a peak detector period that is ¼ of the symbol period,
the peak detector period should be set to a minimum of 24
samples. The following equation can also be used:
(
)
SYM
SAMP
f
f
Samples
Peak
SPB
/
4
1
×
≥
(20)
where:
fSYM = 270.833 kHz (GSM symbol rate).
fSAMP = 26 MHz.
Fast Attack (FA) Loop
The FA loop utilizes an analog threshold detector that prevents
overdrive of the analog signal path. In a situation that could
potentially overdrive the ADC, the FA loop takes over from the
slow loop and decreases the gain to the VGA in the front end.
The step size used for the FA loop is programmable between
0 dB and 1.504 dB in 0.094 dB steps. The FA loop also has a
counter that is programmable between 1 and 16. When
initialized to count + 1, the FA loop decreases the gain for
count + 1 clock cycles when the threshold is crossed.
Fast Decay (FD) Loop
The FD loop is a fast loop that increases the gain when the
signal falls below a threshold during a deep channel fade or on
the ramp down. The fast loop accomplishes this task by
comparing the peak signal-plus-blocker level at the ADC output
(which includes the signal and any blockers that pass through
the SAW filter) with a programmable level (SPB_level) that
determines when this loop is activated. The SBP_level default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com