Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677BCPZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD6677BCPZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677BCPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD6677BCPZ Datasheet HTML 31Page - Analog Devices AD6677BCPZ Datasheet HTML 32Page - Analog Devices AD6677BCPZ Datasheet HTML 33Page - Analog Devices AD6677BCPZ Datasheet HTML 34Page - Analog Devices AD6677BCPZ Datasheet HTML 35Page - Analog Devices AD6677BCPZ Datasheet HTML 36Page - Analog Devices AD6677BCPZ Datasheet HTML 37Page - Analog Devices AD6677BCPZ Datasheet HTML 38Page - Analog Devices AD6677BCPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 35 of 48
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into three sections: the
chip configuration registers (Address 0x00 to Address 0x02);
the ADC functions registers, including setup, control, and test
(Address 0x08 to Address 0xA8); and the transfer register
(Address 0xFF).
The memory map register table (see Table 17) documents the
default hexadecimal value for each hexadecimal address shown.
The column with the heading Bit 7 (MSB) is the start of the
default hexadecimal value given. For example, Address 0x14,
the output mode register, has a hexadecimal default value of
0x01. This means that Bit 0 = 1 and the remaining bits are 0s.
This setting is the default output format value, which is twos
complement. For more information on this function and others,
see the Application Note AN-877, Interfacing to High Speed ADCs
via SPI. This application note details the functions controlled by
Address 0x00 to Address 0x21 and Address 0xFF, with the ex-
ception of Address 0x08 and Address 0x14. The remaining
registers, Address 0x08, Address 0x14, and Address 0x3A
through Address 0xA8, are documented in the Memory Map
Register Descriptions section.
Open and Reserved Locations
All address and bit locations that are not included in Table 17
are not currently supported for this device. Unused bits of a
valid address location must be written with 0s. Writing to these
locations is required only when part of an address location is
open (for example, Address 0x18). If the entire address location
is open (for example, Address 0x13), do not write to this address
location.
Default Values
After the AD6677 is reset, critical registers are loaded with default
values. The default values for the registers are given in the
memory map register table (see Table 17).
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Transfer Register Map
Address 0x09, Address 0x0B, Address 0x0D, Address 0x10,
Address 0x14, Address 0x18, Address 0x21, and Address 0x3A
to Address 0x4C are shadowed. Writes to these addresses do not
affect device operation until a transfer command is issued by
writing 0x01 to Address 0xFF, setting the transfer bit. This allows
these registers to be updated internally and simultaneously when
the transfer bit is set. The internal update takes place when the
transfer bit is set, and then the bit autoclears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com