Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD6677BCPZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677BCPZ Datasheet(HTML) 3 Page - Analog Devices

  AD6677BCPZ Datasheet HTML 1Page - Analog Devices AD6677BCPZ Datasheet HTML 2Page - Analog Devices AD6677BCPZ Datasheet HTML 3Page - Analog Devices AD6677BCPZ Datasheet HTML 4Page - Analog Devices AD6677BCPZ Datasheet HTML 5Page - Analog Devices AD6677BCPZ Datasheet HTML 6Page - Analog Devices AD6677BCPZ Datasheet HTML 7Page - Analog Devices AD6677BCPZ Datasheet HTML 8Page - Analog Devices AD6677BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 3 of 48
The NSR block can be programmed to provide a bandwidth of
either 22% or 33% of the sample clock. For example, with a
sample clock rate of 250 MSPS, the AD6677 can achieve up to
76.3 dBFS SNR for a 55 MHz bandwidth in the 22% mode and
up to 73.5 dBFS SNR for an 82 MHz bandwidth in the 33% mode.
When the NSR block is disabled, the ADC data is provided directly
to the output at a resolution of 11 bits. The AD6677 can achieve
up to 65.9 dBFS SNR for the entire Nyquist bandwidth when
operated in this mode. This allows the AD6677 to be used in
telecommunication applications such as a digital predistortion
observation path where wider bandwidths are required.
The output data is routed directly to an external JESD204B serial
output lane. This output is at current mode logic (CML) voltage
levels. Only one JESD204B lane configuration such that the output
coded data is sent through one lane (L = 1; F = 4). Synchronization
input controls (SYNCINB± and SYSREF±) are provided.
The AD6677 receiver digitizes a wide spectrum of IF frequencies.
This IF sampling architecture greatly reduces component cost and
complexity compared with traditional analog techniques or less
integrated digital methods.
Flexible power-down options allow significant power savings,
when desired. Programmable overrange level detection is
supported via dedicated fast detect pins.
Programming for setup and control is accomplished using a
3-wire SPI-compatible serial interface with numerous modes to
support board level system testing.
The AD6677 is available in a 32-lead LFCSP and is specified over
the industrial temperature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1. The configurable JESD204B output block with an integrated
phase-locked loop (PLL) to support lane rates up to 5 Gbps.
2. The IF receiver includes an 11-bit, 250 MSPS ADC with
programmable NSR function that allows for improved SNR
within a reduced bandwidth of 22% or 33% of the sample rate.
3. Support for an optional radio frequency (RF) clock input to
ease system board design.
4. Proprietary differential input maintains excellent SNR
performance for input frequencies of up to 400 MHz.
5. An on-chip integer, 1-to-8 input clock divider and SYNC
input allow synchronization of multiple devices.
6. Operation from a single 1.8 V power supply.
7. Standard SPI that supports various product features and
functions, such as controlling the clock DCS, power-down,
test modes, voltage reference mode, overrange fast
detection, and serial output configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com