Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD6677BCPZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD6677BCPZ Datasheet HTML 17Page - Analog Devices AD6677BCPZ Datasheet HTML 18Page - Analog Devices AD6677BCPZ Datasheet HTML 19Page - Analog Devices AD6677BCPZ Datasheet HTML 20Page - Analog Devices AD6677BCPZ Datasheet HTML 21Page - Analog Devices AD6677BCPZ Datasheet HTML 22Page - Analog Devices AD6677BCPZ Datasheet HTML 23Page - Analog Devices AD6677BCPZ Datasheet HTML 24Page - Analog Devices AD6677BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Data Sheet
AD6677
Rev. C | Page 21 of 48
Input Clock Divider
The AD6677 contains an input clock divider with the ability to
divide the Nyquist input clock by integer values between 1 and 8.
The RF clock input uses an on-chip predivider to divide the clock
input by four before it reaches the 1 to 8 divider. This allows
higher input frequencies to be achieved on the RF clock input. The
divide ratios can be selected using Address 0x09 and Address 0x0B.
Address 0x09 sets the RF clock input and Address 0x0B can set
the divide ratio of the 1 to 8 divider for both the RF clock input
and the Nyquist clock input. For divide ratios other than 1, the
duty cycle stabilizer is automatically enabled.
RFCLK
NYQUIST
CLOCK
÷1 TO ÷8
DIVIDER
÷2 OR ÷4
Figure 42. AD6677 Clock Divider Circuit
The AD6677 clock divider can be synchronized using the external
SYSREF input. Bit 1 and Bit 2 of Address 0x3A allow the clock
divider to be resynchronized on every SYSREF signal or only on
the first signal after the register is written. A valid SYSREF causes
the clock divider to reset to the initial state. This synchronization
feature allows multiple devices to align the clock dividers to
guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, may be sensitive to
clock duty cycle. Commonly, a ±5% tolerance is required on the
clock duty cycle to maintain dynamic performance characteristics.
The AD6677 contains a DCS that retimes the nonsampling
(falling) edge, providing an internal clock signal with a nominal
50% duty cycle. This allows the user to provide a wide range of
clock input duty cycles without affecting the performance of the
AD6677.
Jitter on the rising edge of the input clock is still of paramount
concern and is not reduced by the DCS. The duty cycle control
loop does not function for clock rates of less than 40 MHz
nominally. The loop has a time constant associated with it that
must be considered when the clock rate can change dynamically.
A wait time of 1.5 µs to 5 µs is required after a dynamic clock
frequency increase or decrease before the DCS loop is relocked
to the input signal. During the time that the loop is not locked,
the DCS loop is bypassed, and the internal device timing is
dependent on the duty cycle of the input clock signal. In such
applications, it may be appropriate to disable the DCS. In all
other applications, enabling the DCS circuit is recommended to
maximize ac performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input frequency
(fIN) due to jitter (tJ) can be calculated by
SNRHF = −10 log[(2π × fIN × tJRMS)2 + 10
)
10
/
(
LF
SNR
−
]
In the equation, the rms aperture jitter represents the root-
mean-square of all jitter sources, which include the clock input,
the analog input signal, and the ADC aperture jitter specification.
IF undersampling applications are particularly sensitive to jitter,
as shown in Figure 43.
50
55
60
65
70
75
80
1
10
100
1000
INPUT FREQUENCY (MHz)
0.05ps
0.2ps
0.5ps
1ps
1.5ps
MEASURED
Figure 43. SNR vs. Input Frequency and Jitter
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD6677. Separate the
power supplies for the clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
Low jitter, crystal controlled oscillators make the best clock
sources. If the clock is generated from another type of source (by
gating, dividing, or another method), retime it by using the
original clock at the last step.
Refer to the Application Note AN-501, Aperture Uncertainty and
ADC System Performance, and the Application Note AN-756,
Sampled Systems and the Effects of Clock Phase Noise and Jitter,
for more information about jitter performance as it relates
to ADCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com