Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6677BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD6677BCPZ
Description  80 MHz Bandwidth, IF Receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6677BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6677BCPZ Datasheet HTML 2Page - Analog Devices AD6677BCPZ Datasheet HTML 3Page - Analog Devices AD6677BCPZ Datasheet HTML 4Page - Analog Devices AD6677BCPZ Datasheet HTML 5Page - Analog Devices AD6677BCPZ Datasheet HTML 6Page - Analog Devices AD6677BCPZ Datasheet HTML 7Page - Analog Devices AD6677BCPZ Datasheet HTML 8Page - Analog Devices AD6677BCPZ Datasheet HTML 9Page - Analog Devices AD6677BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD6677
Data Sheet
Rev. C | Page 6 of 48
Parameter1
Temperature
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 30 MHz
25°C
87
dBc
fIN = 90 MHz
25°C
82
dBc
fIN = 140 MHz
25°C
86
dBc
fIN = 185 MHz
25°C
87
dBc
Full
80
dBc
fIN = 220 MHz
25°C
84
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 30 MHz
25°C
−94
dBc
fIN = 90 MHz
25°C
−85
dBc
fIN = 140 MHz
25°C
−88
dBc
fIN = 185 MHz
25°C
−90
dBc
Full
−82
dBc
fIN = 220 MHz
25°C
−87
dBc
TWO-TONE SFDR
fIN1 = 184.12 MHz (−7 dBFS), fIN2 =187.12 MHz (−7 dBFS)
25°C
86
dBc
FULL POWER BANDWIDTH2
25°C
1000
MHz
1
See the Application Note AN-835, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2
Full power bandwidth is the bandwidth of operation determined by where the spectral power of the fundamental frequency is reduced by 3 dB.
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, DVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.75 V p-p full-scale input
range, duty cycle stabilizer enabled, default SPI, unless otherwise noted.
Table 3.
Parameter
Temperature
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Input CLK± Clock Rate
Full
40
625
MHz
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage
Full
0.3
3.6
V p-p
Input Voltage Range
Full
AGND
AVDD
V
Input Common-Mode Range
Full
0.9
1.4
V
High Level Input Current
Full
0
+60
µA
Low Level Input Current
Full
−60
0
µA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
kΩ
RF CLOCK INPUT (RFCLK)
RF Clock Rate
Full
500
1500
MHz
Logic Compliance
CMOS/LVDS/LVPECL
Internal Bias
Full
0.9
V
Input Voltage Range
Full
AGND
AVDD
V
High Input Voltage Level
Full
1.2
AVDD
V
Low Input Voltage Level
Full
AGND
0.6
V
High Level Input Current
Full
0
+150
µA
Low Level Input Current
Full
−150
0
µA
Input Capacitance
Full
1
pF
Input Resistance (AC-Coupled)
Full
8
10
12
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com