Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9864 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9864 Datasheet HTML 8Page - Analog Devices AD9864 Datasheet HTML 9Page - Analog Devices AD9864 Datasheet HTML 10Page - Analog Devices AD9864 Datasheet HTML 11Page - Analog Devices AD9864 Datasheet HTML 12Page - Analog Devices AD9864 Datasheet HTML 13Page - Analog Devices AD9864 Datasheet HTML 14Page - Analog Devices AD9864 Datasheet HTML 15Page - Analog Devices AD9864 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 11 of 47
VDDI = VDDF = VDDA = VDDC = VDDL = VDDH = 3.0 V , VDDQ = VDDP = 2.7 V to 5.5 V, fCLK = 18 MSPS, fIF = 109.65 MHz, fLO =
107.4 MHz, fREF = 16.8 MHz, TA=25 Co, LO and CLK Synthesizer Disabled, unless otherwise noted.
CHANNEL BANDWIDTH (kHz)
10.0
10
7.5
1000
100
9.5
9.0
8.5
8.0
24-BIT
DATA
16-BIT
DATA
16-BIT DATA
WITH DVGA ENABLED
Figure 15. Noise Figure vs. Bandwidth
(Minimum Attenuation, fCLK = 26 MSPS)
VGA ATTENUATION (dB)
14
0
7
12
6
9
3
13
12
11
10
9
8
BW = 15kHz
(K = 0, M = 9)
BW = 75kHz
(K = 0, M = 1)
BW = 50kHz
(K = 0, M = 2)
Figure 16. Noise Figure vs. VGA Attenuation (fCLK = 18 MSPS)
IFIN (dB)
–45
–130
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–42
–39
–36
–33
–30
–27
–24
PIN
–5
–30
–10
–15
–20
–25
–40
–35
–45
IMD
Figure 17. IMD vs. IFIN (fCLK = 13 MSPS)
VGA ATTENUATION (dB)
11.5
0
7.0
12
6
9
3
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
BW = 6.78kHz
(K = 0, M = 15)
BW = 12.04kHz
(K = 0, M = 8)
BW = 27.08kHz
(K = 0, M = 3)
Figure 18. Noise Figure vs. VGA Attenuation (fCLK = 13 MSPS)
VGA ATTENUATION (dB)
14
0
7
12
6
9
3
13
12
11
10
9
8
BW = 27.08kHz
(K = 1, M = 9)
BW = 90.28kHz
(K = 1, M = 2)
BW = 135.42kHz
(K = 1, M = 1)
Figure 19. Noise Figure vs. VGA Attenuation (fCLK = 26 MSPS)
IFIN (dBm)
–45
–130
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–42
–39
–36
–33
–30
–27
–24
PIN
–5
–30
–10
–15
–20
–25
–40
–35
–45
IMD
Figure 20. IMD vs. IFIN (fCLK = 18 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com