Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9864 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9864 Datasheet HTML 17Page - Analog Devices AD9864 Datasheet HTML 18Page - Analog Devices AD9864 Datasheet HTML 19Page - Analog Devices AD9864 Datasheet HTML 20Page - Analog Devices AD9864 Datasheet HTML 21Page - Analog Devices AD9864 Datasheet HTML 22Page - Analog Devices AD9864 Datasheet HTML 23Page - Analog Devices AD9864 Datasheet HTML 24Page - Analog Devices AD9864 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 20 of 47
The SSIORD register controls the output bit rate (fCLKOUT) of the
serial bit stream. fCLKOUT can be set equal to the modulator clock
frequency (fCLK) or an integer fraction of it. It is equal to fCLK divided
by the contents of the SSIORD register. Note that fCLKOUT must
be chosen such that it does not introduce harmful spurs within
the pass band of the target signal. Users must verify that the
output bit rate is sufficient to accommodate the required number
of bits per frame for a selected word size and decimation factor.
Idle (high) bits are used to fill out each frame.
24-BIT I AND Q, EAGC = 0, AAGC = X:48 DATA BITS
24-BIT I AND Q, EAGC = 1, AAGC = 0:64 DATA BITS
16-BIT I AND Q, EAGC = 0, AAGC = X:32 DATA BITS
16-BIT I AND Q, EAGC = 0, AAGC = 0:32 DATA BITS
16-BIT I AND Q, EAGC = 1, AAGC = 1:40 DATA BITS
RESET COUNT
RESET COUNT
I(15:0)
Q(15:0)
Q(15:0)
I(15:0)
ATTN(7:1)
Q(15:0)
I(15:0)
Q(15:0)
I(15:0)
Q(23:0)
I(23:0)
Q(23:0)
I(23:0)
ATTN(7:0)
ATTN(7:0)
SSI(5:1)
SSI(5:0)
SSI(5:0)
1
0
Figure 32. SSI Frame Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com