Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9864 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9864 Datasheet HTML 15Page - Analog Devices AD9864 Datasheet HTML 16Page - Analog Devices AD9864 Datasheet HTML 17Page - Analog Devices AD9864 Datasheet HTML 18Page - Analog Devices AD9864 Datasheet HTML 19Page - Analog Devices AD9864 Datasheet HTML 20Page - Analog Devices AD9864 Datasheet HTML 21Page - Analog Devices AD9864 Datasheet HTML 22Page - Analog Devices AD9864 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 18 of 47
SERIAL PORT INTERFACE (SPI)
The serial port of the AD9864 has 3-wire or 4-wire SPI capability,
allowing read/write access to all registers that configure the internal
parameters of the device. The default 3-wire serial communication
port consists of a clock (PC), peripheral enable (PE), and
bidirectional data (PD) signal. The inputs to PC, PE, and PD
contain a Schmitt trigger with a nominal hysteresis of 0.4 V
centered about the digital interface supply, that is, VDDH/2.
A 4-wire SPI interface can be enabled by setting the MSB of the
SSICRB register (Register 0x19, Bit 7) and setting Register 0x3A
to 0x00, resulting in the output data appearing on only the
DOUTB pin with the PD pin functioning as an input pin only.
Note that because the default power-up state sets DOUTB low,
bus contention is possible for systems sharing the SPI output
line. To avoid any bus contention, the DOUTB pin can be three-
stated by setting the fourth control bit in the three-state bit
(Register 0x3B, Bit 3). This bit can then be toggled to gain
access to the shared SPI output line.
An 8-bit instruction header must accompany each read and
write SPI operation. Only the write operation supports an auto-
increment mode, which allows the entire chip to be configured
in a single write operation. The instruction header is shown in
Table 7. It includes a read/not-write indicator bit, six address
bits, and a Don’t Care bit. The data bits immediately follow the
instruction header for both read and write operations. Note that
the address and data are always given MSB first.
Table 7. Instruction Header Information
MSB
LSB
I7
I6
I5
I4
I3
I2
I1
I0
R/W
A5
A4
A3
A2
A1
A0
X1
1
X = don’t care.
Figure 29 illustrates the timing requirements for a write
operation to the SPI port. After the peripheral enable (PE)
signal goes low, data (PD) pertaining to the instruction header
is read on the rising edges of the clock (PC). To initiate a write
operation, the read/not-write bit is set low. After the instruction
header is read, the eight data bits pertaining to the specified
register are shifted into the data pin (PD) on the rising edges of
the next eight clock cycles. PE stays low during the operation
and goes high at the end of the transfer. If PE rises before the
eight clock cycles have passed, the operation is aborted. If PE
stays low for an additional eight clock cycles, the destination
address is incremented and another eight bits of data are shifted
in. Again, if PE rises early, the current byte is ignored. By using
this implicit addressing mode, the chip can be configured with
a single write operation. Registers identified as being subject to
frequent updates, namely those associated with power control
and AGC operation, have been assigned adjacent addresses to
minimize the time required to update them. Note that multibyte
registers are big endian (the most significant byte has the lower
address) and are updated when a write to the least significant
byte occurs.
Figure 30 and Figure 31 illustrates the timing for 3-wire and
4-wire SPI read operations. Although the AD9864 does not
require read access for proper operation, it is often useful in the
product development phase or for system authentication. Note
that the readback enable bit (Register 0x3A, Bit 3) must be set
for a read operation with a 3-wire SPI interface. For 4-wire SPI
operation, this bit remains low (Register 0x3A = 0x00) but
DOUTB is enabled via the SSICRB register (Register 0x19, Bit 7).
Note that for the 4-wire SPI interface, the eight data bits appear
on the DOUTB pin with the same timing relationship as those
appearing at PD for 3-wire SPI interface case.
After the peripheral enable (PE) signal goes low, data (PD)
pertaining to the instruction header is read on the rising edges
of the clock (PC). A read operation occurs if the read/not-write
indicator is set high. After the address bits of the instruction
header are read, the eight data bits pertaining to the specified
register are shifted out of the data pin (PD) on the falling edges
of the next eight clock cycles. After the last data bit is shifted
out, the user must return PE high, causing PD to become three-
stated (for 3-wire case) and return to its normal status as an
input pin. Since the auto-increment mode is not supported for
read operations, an instruction header is required for each
register read operation and PE must return high before
initiating the next read operation.
PE
PC
PD
tH
tDS
tHI
tS
tDH
tLOW
tCLK
R/W
A5
A4 A0
D7
D6 D1
D0
DON'T
CARE
Figure 29. SPI Write Operation Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com