Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9864 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9864
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9864 Datasheet HTML 9Page - Analog Devices AD9864 Datasheet HTML 10Page - Analog Devices AD9864 Datasheet HTML 11Page - Analog Devices AD9864 Datasheet HTML 12Page - Analog Devices AD9864 Datasheet HTML 13Page - Analog Devices AD9864 Datasheet HTML 14Page - Analog Devices AD9864 Datasheet HTML 15Page - Analog Devices AD9864 Datasheet HTML 16Page - Analog Devices AD9864 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 12 of 47
VDDI = VDDF = VDDA = VDDC = VDDL = VDDH = 3.0 V , VDDQ = VDDP = 2.7 V to 5.5 V, fCLK = 18 MSPS, fIF = 109.65 MHz, fLO =
107.4 MHz, fREF = 16.8 MHz, TA=25 Co, LO and CLK synthesizer disabled, 16-bit data with AGC and DVGA enabled, unless otherwise noted.
IFIN (dBm)
–45
–130
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–42
–39
–36
–33
–30
–27
–24
PIN
–5
–30
–10
–15
–20
–25
–40
–35
–45
IMD
Figure 21. IMD vs. IFIN (fCLK = 26 MSPS)
FREQUENCY (MHz)
13
0
6
12
11
10
9
8
7
50
500
100 150
200
250
300 350
400
450
16-BIT WITH DVGA
24-BIT
Figure 22. Noise Figure vs. Frequency
(Minimum Attenuation, fCLK = 26 MSPS, BW = 10 kHz)
FREQUENCY (MHz)
0
0
–10
–2
–4
–6
–8
50
500
100 150
200 250 300 350
400 450
Figure 23. Input IIP3 vs. Frequency (fCLK = 26 MSPS)
FREQUENCY (MHz)
13
0
6
12
11
10
9
8
7
50
500
100
150 200
250
300
350 400
450
24-BIT
16-BIT WITH DVGA
Figure 24. Noise Figure vs. Frequency
(Minimum Attenuation, fCLK = 18 MSPS, BW = 10 kHz)
FREQUENCY (MHz)
0
0
–2
–4
–6
–8
–10
50
500
100 150 200 250 300 350 400 450
Figure 25. Input IIP3 vs. Frequency (fCLK = 18 MSPS)
INTERFERER LEVEL (dBm)
20.0
–55
8.0
18.5
15.5
12.5
11.0
9.5
–5
–10
NOISE FIGURE
AGC
17.0
14.0
–15
–20
–25
–30
–35
–40
–45
–50
128
0
112
80
48
32
16
96
64
Figure 26. Noise Figure vs. Interferer Level (16-Bit Data,
BW = 12.5 kHz, AGCR = 1, fINTERFERER = fIF + 110 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com