Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL03 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SL03
Description  Small Surface Mount Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL03 Datasheet(HTML) 1 Page - Vishay Siliconix

  SL03 Datasheet HTML 1Page - Vishay Siliconix SL03 Datasheet HTML 2Page - Vishay Siliconix SL03 Datasheet HTML 3Page - Vishay Siliconix SL03 Datasheet HTML 4Page - Vishay Siliconix SL03 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
SL02 to SL04
Document Number 85687
Rev. 3, 21-Feb-03
Vishay Semiconductors
www.vishay.com
1
17249
Small Surface Mount Schottky Diodes
\
Features
• For surface mounted applications
• Low-profile package
• Ideal for automated placement
• Low power loss, high efficiency
• High temperature soldering: 260 °C/10 seconds at
terminals
Mechanical Data
Case: JEDEC DO-219-AB (SMF) Plastic case
Polarity: Color band denotes cathode end
Weight: approx. 0.01g
Packaging codes-options:
G1-10 K per 13 " reel (8 mm tape), 50 K/box
G2-3 K per 7 " reel (8 mm tape), 30 K/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Marking
Package
SL02
Single Diodes
S2
SMF
SL03
Single Diodes
S3
SMF
SL04
Single Diodes
S4
SMF
Parameter
Test condition
Part
Symbol
Value
Unit
Maximum repetitive peak reverse voltage
SL02
VRRM
20
V
SL03
VRRM
30
V
SL04
VRRM
40
V
Maximum RMS voltage
SL02
VRMS
14
V
SL03
VRMS
21
V
SL04
VRMS
28
V
Maximum DC blocking voltage
SL02
VDC
20
V
SL03
VDC
30
V
SL04
VDC
40
V
Maximum average forward rectified current
Ttp = 109 °C
IF(AV)
1.1
A
Peak forward surge current 8.3 ms single half
sine-wave
IFSM
40
A


Similar Part No. - SL03

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL03 MCC-SL03 Datasheet
369Kb / 2P
Transient Voltage Suppressor 300 Watt
logo
Microsemi Corporation
SL03 MICROSEMI-SL03 Datasheet
89Kb / 2P
TVSarray Series
logo
Vishay Siliconix
SL03 VISHAY-SL03 Datasheet
117Kb / 7P
Small Signal Schottky Diodes
13-Apr-05
SL03 VISHAY-SL03 Datasheet
144Kb / 7P
Small Signal Schottky Diodes
23-Jul-10
SL03 VISHAY-SL03 Datasheet
83Kb / 6P
Small Signal Schottky Diodes
23-Jul-10
More results

Similar Description - SL03

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CASD501S2 CYSTEKEC-CASD501S2 Datasheet
134Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
CASD501SG CYSTEKEC-CASD501SG Datasheet
130Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
logo
Diotec Semiconductor
BAT54WS DIOTEC-BAT54WS Datasheet
96Kb / 2P
Surface Mount Small Signal Schottky Diodes
logo
Formosa MS
BAS70WS FORMOSA-BAS70WS_10 Datasheet
197Kb / 7P
70mA Surface Mount Small Signal Schottky Diodes-70v
BAT42WS FORMOSA-BAT42WS_10 Datasheet
93Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
logo
Shenzhen Taychipst Elec...
SL02 TAYCHIPST-SL02 Datasheet
2Mb / 2P
Small Surface Mount Schottky Diodes
logo
Formosa MS
RB521S FORMOSA-RB521S_10 Datasheet
110Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
logo
SUNMATE electronic Co.,...
BAT81S SUNMATE-BAT81S Datasheet
119Kb / 2P
150mA Surface Mount Small Signal Schottky Diodes
logo
Vishay Siliconix
S07B VISHAY-S07B Datasheet
135Kb / 6P
Small Surface Mount Diodes
24-Mar-04
logo
SUNMATE electronic Co.,...
LL49 SUNMATE-LL49 Datasheet
472Kb / 3P
SURFACE MOUNT SMALL SIGNAL SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com