Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM-60 Datasheet(PDF) 2 Page - CUI INC

Part # CFM-60
Description  DC AXIAL FAN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-60 Datasheet(HTML) 2 Page - CUI INC

  CFM-60 Datasheet HTML 1Page - CUI INC CFM-60 Datasheet HTML 2Page - CUI INC CFM-60 Datasheet HTML 3Page - CUI INC CFM-60 Datasheet HTML 4Page - CUI INC CFM-60 Datasheet HTML 5Page - CUI INC CFM-60 Datasheet HTML 6Page - CUI INC CFM-60 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 07/27/2017
│ page 2 of 7
CUI Inc
│ SERIES: CFM-60 │ DESCRIPTION: DC AXIAL FAN
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
6
12
13.8
Vdc
current
CFM-6010 models
CFM-6015 models
CFM-6025 models
0.20
0.17
0.32
0.26
0.22
0.4
A
A
A
power
CFM-6010 models
CFM-6015 models
CFM-6025 models
2.40
2.04
3.84
3.12
2.64
4.8
W
W
W
starting voltage
at 25°C
6
Vdc
PERFORMANCE
parameter
conditions/description
min
typ
max
units
rated speed
at 25°C, after 10 minutes
CFM-6010 models
CFM-6015 models
CFM-6025 models
4,950
4,590
6,300
5,500
5,100
7,000
6,050
5,610
7,700
RPM
RPM
RPM
air flow
at 0 inch H
2O, see performance curves
CFM-6010 models
CFM-6015 models
CFM-6025 models
24.18
27.50
36.25
CFM
CFM
CFM
static pressure
at 0 CFM, see performance curves
CFM-6010 models
CFM-6015 models
CFM-6025 models
0.22
0.23
0.67
inch H
2O
inch H
2O
inch H
2O
noise
at 1 m
CFM-6010 models
CFM-6015 models
CFM-6025 models
40.0
37.5
48.0
41.4
39.0
49.0
dBA
dBA
dBA
PROTECTIONS / SIGNALS1
parameter
conditions/description
min
typ
max
units
auto restart protection
available on all models
rotation detector
available on “11” models
tachometer signal
available on “20” and “22” models
PWM control signal
available on “22” models
Notes:
1. See application notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance of frame
at 500 Vdc between frame and positive terminal
10
MΩ
dielectric strength
at 500 Vac, 60 Hz, 1 minute between frame and
positive terminal
5
mA
safety approvals
UL/cUL 507, TUV (EN 60950-1)
EMI/EMC
EN 55022:2010+AC:2011 Class B, EN 61000-3-
2:2014, EN 61000-3-3:2013, EN 55024:2010
life expectancy
at 45°C, 15~65% RH
70,000
hours
RoHS
2011/65/EU
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com