Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM-60 Datasheet(PDF) 1 Page - CUI INC

Part # CFM-60
Description  DC AXIAL FAN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-60 Datasheet(HTML) 1 Page - CUI INC

  CFM-60 Datasheet HTML 1Page - CUI INC CFM-60 Datasheet HTML 2Page - CUI INC CFM-60 Datasheet HTML 3Page - CUI INC CFM-60 Datasheet HTML 4Page - CUI INC CFM-60 Datasheet HTML 5Page - CUI INC CFM-60 Datasheet HTML 6Page - CUI INC CFM-60 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 07/27/2017
page 1 of 7
SERIES: CFM-60
│ DESCRIPTION: DC AXIAL FAN
FEATURES
• 60 x 60 mm frame
• high fan speed for greater air flow
• dual ball bearing construction
• auto restart protection standard on all models
PART NUMBER KEY
CFM-60 XX - 13 - XX - CXX
Reserved for Custom
Configurations
Base Number
Depth
10 = 10 mm
15 = 15 mm
25 = 25 mm
Fan Signals
10 = no signals
11 = rotation detector signal
20 = tachometer signal
22 = tachometer signal / PWM control signal
MODEL
input
voltage
input
current
input
power
rated
speed
air
flow1
static
pressure2
noise
rated
(Vdc)
range
(Vdc)
typ
(A)
max
(A)
max
(W)
typ
(RPM)
(CFM)
(inch H
2O)
max
(dBA)
CFM-6010-13
12
6~13.8
0.20
0.26
3.12
5,500
24.18
0.22
41.4
CFM-6015-13
12
6~13.8
0.17
0.22
2.64
5,100
27.50
0.23
39.0
CFM-6025-13
12
6~13.8
0.32
0.4
4.8
7,000
36.25
0.67
49.0
Notes:
1. At 0 inch H
20 static pressure.
2. At 0 CFM airflow.
For more information, please visit the product page.


Similar Part No. - CFM-60

ManufacturerPart #DatasheetDescription
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-6010-13 CUI-CFM-6010-13 Datasheet
812Kb / 7P
DC AXIAL FAN
logo
Same Sky Devices
CFM-6010B-130-215 SAMESKY-CFM-6010B-130-215 Datasheet
1Mb / 9P
DC AXIAL FAN
09/12/2024
CFM-6010B-140-278 SAMESKY-CFM-6010B-140-278 Datasheet
1Mb / 9P
DC AXIAL FAN
09/12/2024
CFM-6010B-150-326 SAMESKY-CFM-6010B-150-326 Datasheet
1Mb / 9P
DC AXIAL FAN
09/12/2024
More results

Similar Description - CFM-60

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com