Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM-60 Datasheet(PDF) 6 Page - CUI INC

Part # CFM-60
Description  DC AXIAL FAN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-60 Datasheet(HTML) 6 Page - CUI INC

  CFM-60 Datasheet HTML 1Page - CUI INC CFM-60 Datasheet HTML 2Page - CUI INC CFM-60 Datasheet HTML 3Page - CUI INC CFM-60 Datasheet HTML 4Page - CUI INC CFM-60 Datasheet HTML 5Page - CUI INC CFM-60 Datasheet HTML 6Page - CUI INC CFM-60 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 07/27/2017
│ page 6 of 7
CUI Inc
│ SERIES: CFM-60 │ DESCRIPTION: DC AXIAL FAN
Figure 6 Duty Cycle
Auto Restart Protection/Current Limit Protection
When the fan motor is locked, the device will cut off the drive current within two to six seconds and restart automatically
after a few seconds. If the lock situation is continued, the device will work on a repeated cycle of cut-off and restart until
the lock is released. (See Figure 1 below).
APPLICATION NOTES
Figure 1 Current Limit Protection
Pulse Sensor/Tachometer Signal/FG
Pulse Sensor is for detecting the rotational speed of the fan motor. At locked rotor condition, the signal stops cycling and
the output is fixed at VoH or VoL (See Figures 4~5 below).
Vs=4~5 V
Figure 5 FG Signal Output Circuit:
Open Collector
Ic=10mA max
Figure 4 Output Waveform
Lock Sensor/Rotation Detector
Lock Sensor is used to detect if the fan motor is operating or stopped. Alarm High: the output will be logical low when fan
is operating and be logical high when fan motor is locked. (See Figures 2~3 below).
Figure 2 Alarm High
Output Waveform
Figure 3 RD Signal Output Circuit:
Open Collector
Ic=5mA max
PMW Control Signal
A speed control lead can be provided that will accept a PWM signal from the customer circuit to vary the speed of the fan.
The change in speed is linear by changing the Duty-Cycle of the PWM. Open collector type and pull-up voltage is changed
by maximum operating voltage and sink current by consuming current. (See Figure 6 below).
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com