Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM-60 Datasheet(PDF) 5 Page - CUI INC

Part # CFM-60
Description  DC AXIAL FAN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-60 Datasheet(HTML) 5 Page - CUI INC

  CFM-60 Datasheet HTML 1Page - CUI INC CFM-60 Datasheet HTML 2Page - CUI INC CFM-60 Datasheet HTML 3Page - CUI INC CFM-60 Datasheet HTML 4Page - CUI INC CFM-60 Datasheet HTML 5Page - CUI INC CFM-60 Datasheet HTML 6Page - CUI INC CFM-60 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 07/27/2017
│ page 5 of 7
CUI Inc
│ SERIES: CFM-60 │ DESCRIPTION: DC AXIAL FAN
units: mm [inch]
CFM-6025
MECHANICAL DRAWING (CONTINUED)
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
Yellow1
FG Signal
White1
RD Signal
Blue1
PWM
wire: UL 1007, 24 AWG
Note:
1. Wires only present on versions with output signals.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com