Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD650SD Datasheet(PDF) 5 Page - Analog Devices

Part # AD650SD
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650SD Datasheet(HTML) 5 Page - Analog Devices

  AD650SD Datasheet HTML 1Page - Analog Devices AD650SD Datasheet HTML 2Page - Analog Devices AD650SD Datasheet HTML 3Page - Analog Devices AD650SD Datasheet HTML 4Page - Analog Devices AD650SD Datasheet HTML 5Page - Analog Devices AD650SD Datasheet HTML 6Page - Analog Devices AD650SD Datasheet HTML 7Page - Analog Devices AD650SD Datasheet HTML 8Page - Analog Devices AD650SD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD650
Data Sheet
Rev. E | Page 4 of 20
AD650J/AD650A
AD650K/AD650B
AD650S
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
AMPLIFIER OUTPUT (F/V CONVERSION)
Voltage Range
(1500 Ω Min Load Resistance)
0
10
0
10
0
10
V
Source Current
(750 Ω Max Load Resistance)
10
10
10
mA
Capacitive Load
(Without Oscillation)
100
100
100
pF
POWER SUPPLY
Voltage, Rated Performance
±9
±18
±9
±18
±9
±18
V
Quiescent Current
8
8
8
mA
TEMPERATURE RANGE
Rated Performance
N Package
0
+70
0
+70
°C
D Package
−25
+85
−25
+85
−55
+125
°C
1
Nonlinearity is defined as deviation from a straight line from zero to full scale, expressed as a fraction of full scale.
2
Full-scale calibration error adjustable to zero.
3
Measured at full-scale output frequency of 100 kHz.
4
Refer to F/V conversion section of the text.
5
Referred to digital ground.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com