Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD650SD Datasheet(PDF) 19 Page - Analog Devices

Part # AD650SD
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650SD Datasheet(HTML) 19 Page - Analog Devices

Back Button AD650SD Datasheet HTML 13Page - Analog Devices AD650SD Datasheet HTML 14Page - Analog Devices AD650SD Datasheet HTML 15Page - Analog Devices AD650SD Datasheet HTML 16Page - Analog Devices AD650SD Datasheet HTML 17Page - Analog Devices AD650SD Datasheet HTML 18Page - Analog Devices AD650SD Datasheet HTML 19Page - Analog Devices AD650SD Datasheet HTML 20Page - Analog Devices AD650SD Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AD650
Data Sheet
Rev. E | Page 18 of 20
In signal recovery applications of a PLL, the desired output
signal is the voltage applied to the oscillator. In these situations,
a linear relationship between the input frequency and the
output voltage is desired; the AD650 makes a superb oscillator
for FM demodulation. The wide dynamic range and
outstanding linearity of the AD650 VFC allow simple
embodiment of high performance analog signal isolation or
telemetry systems. The circuit shown in Figure 22 uses a digital
phase detector that also provides proper feedback in the event
of unequal frequencies. Such phase-frequency detectors (PFDs)
are available in integrated form. For a full discussion of phase-
lock loop circuits see “Phase Lock Techniques,” 3rd Edition, by
F.M. Gardner, (John Wiley & Sons, Inc., 1979).
An analysis of this circuit must begin at the 7474 Dual D flip
flop. When the input carrier matches the output carrier in both
phase and frequency, the Q outputs of the flip flops rise at
exactly the same time. With two zeros, and then two ones on
the inputs of the exclusive or (XOR) gate, the output remains
low keeping the DMOS FET switched off. Also, the NAND gate
goes low resetting the flip-flops to zero. Throughout this entire
cycle, the DMOS integrator gate remains off, allowing the
voltage at the integrator output to remain unchanged from the
previous cycle. However, if the input carrier leads the output
carrier by a few degrees, the XOR gate is turned on for the short
time span that the two signals are mismatched. Because Q2 is
low during the mismatch time, a negative current is fed into the
integrator, causing its output voltage to rise. This in turn
increases the frequency of the AD650 slightly, driving the
system towards synchronization. In a similar manner, if the
input carrier lags the output carrier, the integrator is forced
down slightly to synchronize the two signals.
Using a mathematical approach, the ±25 μA pulses from the
phase detector are incorporated into the phase-detector gain (Kd).
radian
/
amperes
10
4
2
μA
25
6
−
×
=
π
=
d
K
(9)
Also, the V/F converter is configured to produce 1 MHz in
response to a 10 V input so its gain (Ko) is
sec
volt
radians
10
3
.
6
V
10
Hz
10
1
2
5
6
×
×
=
×
×
π
=
O
K
(10)
The dynamics of the phase relationship between the input and
output signals can be characterized as a second order system
with natural frequency (ωn).
C
K
K
d
o
n =
ω
(11)
and damping factor (ζ) is
2
d
o K
CK
R
=
ζ
(12)
For the values shown in Figure 22, these relations simplify to a
natural frequency of 35 kHz with a damping factor of 0.8.
For a simple approach to determine component values for other
PLL frequencies and VFC full-scale voltage, follow these steps:
1. Determine Ko (in units of radians per volt second) from the
maximum input carrier frequency fMAX (in hertz) and the
maximum output voltage VMAX.
MAX
MAX
o
V
F
K
×
π
= 2
(13)
2. Calculate a value for C based upon the desired loop
bandwidth fn. Note that this is the desired frequency range
of the output signal. The loop bandwidth (fn) is not the
maximum carrier frequency (fMAX). The signal can be very
narrow even though it is transmitted over a 1 MHz carrier.
sec
Rad
10
1
7
2
×
×
×
×
=
−
F
V
f
K
C
n
o
(14)
where:
C units = farads
fn units = hertz
Ko units = rad/volt × sec
3. Calculate R to yield a damping factor of approximately 0.8
using this equation:
V
K
f
R
o
n
Ω
×
×
×
=
Rad
10
5
.
2
6
(15)
where:
R units = ohms
fn units = hertz
Ko units = rad/volt × sec
If in actual operation the PLL overshoots or hunts excessively
before reaching a final value, the damping factor can be raised
by increasing the value of R. Conversely, if the PLL is
overdamped, a smaller value of R should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com