Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD650SD Datasheet(PDF) 8 Page - Analog Devices

Part # AD650SD
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650SD Datasheet(HTML) 8 Page - Analog Devices

Back Button AD650SD Datasheet HTML 4Page - Analog Devices AD650SD Datasheet HTML 5Page - Analog Devices AD650SD Datasheet HTML 6Page - Analog Devices AD650SD Datasheet HTML 7Page - Analog Devices AD650SD Datasheet HTML 8Page - Analog Devices AD650SD Datasheet HTML 9Page - Analog Devices AD650SD Datasheet HTML 10Page - Analog Devices AD650SD Datasheet HTML 11Page - Analog Devices AD650SD Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
AD650
Rev. E | Page 7 of 20
CIRCUIT OPERATION
UNIPOLAR CONFIGURATION
The AD650 is a charge balance voltage-to-frequency converter.
In the connection diagram shown in Figure 4, or the block
diagram of Figure 5, the input signal is converted into an
equivalent current by the input resistance RIN. This current is
exactly balanced by an internal feedback current delivered in
short, timed bursts from the switched 1 mA internal current
source. These bursts of current can be thought of as precisely
defined packets of charge. The required number of charge
packets, each producing one pulse of the output transistor,
depends upon the amplitude of the input signal. Because the
number of charge packets delivered per unit time is dependent
on the input signal amplitude, a linear voltage-to-frequency
transformation is accomplished. The frequency output is
furnished via an open collector transistor.
A more rigorous analysis demonstrates how the charge balance
voltage-to-frequency conversion takes place.
A block diagram of the device arranged as a V-to-F converter is
shown in Figure 5. The unit is comprised of an input integrator,
a current source and steering switch, a comparator, and a one
shot. When the output of the one shot is low, the current
steering switch S1 diverts all the current to the output of the op
amp; this is called the integration period. When the one shot
has been triggered and its output is high, the switch S1 diverts
all the current to the summing junction of the op amp; this is
called the reset period. The two different states are shown in
Figure 6 and Figure 7 along with the various branch currents. It
should be noted that the output current from the op amp is the
same for either state, thus minimizing transients.
OP
AMP
COMP
IN
FREQ
OUT
OUT
ONE
SHOT
8
9
10
11
12
13
7
–15V
0.1µF
COS
6
4
2
1
14
INPUT
OFFSET
TRIM
–0.6V
AD650
–VS
–VS
1mA
S1
5
FOUT
VLOGIC
+15V
VIN
R3
R1
RIN
3
DIGITAL
GROUND
ANALOG
GROUND
1µF
250kΩ
20kΩ
R2
0.1µF
CINT
Figure 4. Connection Diagram for V/F Conversion, Positive Input Voltage
VIN
–VS
S1
1mA ± 20%
AD650
+
–
RIN
IIN
CINT
INTEGRATOR
–0.6V
COMPARATOR
FREQUENCY
OUTPUT
ONE
SHOT
COS
t
tOS
Figure 5. Block Diagram
VIN
–VS
S1
1mA
+
–
RIN
IIN
CINT
1mA – IIN
1mA
Figure 6. Reset Mode
VIN
–VS
S1
1mA
+
–
RIN
IIN
CINT
1mA – IIN
IIN
1mA
Figure 7. Integrate Mode
RESET
INTEGRATE
–0.6
∆V
tOS
T1
t
Figure 8. Voltage Across CINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com