Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD650SD Datasheet(PDF) 18 Page - Analog Devices

Part # AD650SD
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650SD Datasheet(HTML) 18 Page - Analog Devices

Back Button AD650SD Datasheet HTML 13Page - Analog Devices AD650SD Datasheet HTML 14Page - Analog Devices AD650SD Datasheet HTML 15Page - Analog Devices AD650SD Datasheet HTML 16Page - Analog Devices AD650SD Datasheet HTML 17Page - Analog Devices AD650SD Datasheet HTML 18Page - Analog Devices AD650SD Datasheet HTML 19Page - Analog Devices AD650SD Datasheet HTML 20Page - Analog Devices AD650SD Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Data Sheet
AD650
Rev. E | Page 17 of 20
PHASE-LOCKED LOOP F/V CONVERSION
Although the F/V conversion technique shown in Figure 13 is
quite accurate and uses only a few extra components, it is very
limited in terms of signal frequency response and carrier feed-
through. If the carrier (or input) frequency changes
instantaneously, then the output cannot change very rapidly due
to the integrator time constant formed by CINT and RIN. While it
is possible to decrease the integrator time constant to provide
faster settling of the F-to-V output voltage, the carrier
feedthrough then becomes larger. For signal frequency response
in excess of 2 kHz, a phase-locked F/V conversion technique
such as the one shown in Figure 22 is recommended.
In a phase-locked loop circuit, the oscillator is driven to a
frequency and phase equal to an input reference signal. In
applications such as a synthesizer, the oscillator output
frequency is first processed through a programmable “divide by
N” before being applied to the phase detector as feedback. Here
the oscillator frequency is forced to be equal to “N times” the
reference frequency. It is this frequency output that is the
desired output signal and not a voltage. In this case, the AD650
offers compact size and wide dynamic range.
14
13
1
8
6
5
4
2
3
7
9
10
1
2
5
4
3
6
+VS
–VS
+VS
AD582
–VS
1000pF
CAP
0.1µF
200kΩ
10kΩ
OUTPUT
1kΩ
1
2
3
4
14
13
12
11
5
10
6
9
7
8
AD7512
–VS
+VS
CONTROL
INPUT
+5V
INPUT
VOLTAGE
16.9kΩ
0.5mA
BIPOLAR
OFFSET
1mA
–VS
+IN
–IN
+VS
COS
NULL
AD650
COMPARATOR
INPUT
COMPARATOR
FREQUENCY
OUTPUT
DIGITAL
GND
ANALOG
GND
FREQUENCY
OUTPUT
ONE
SHOT
OP
AMP
–0.6 VOLT
500Ω
10µF
0.1µF
51pF
0.1µF
+
10
–15V
+15V
GND
1000pF
9
3.6kΩ
–5 VOLTS
VFC NORMAL
GND
AUTO ZERO
11
12
8
Figure 21. Autozero Circuit
C
51pF
15pF
R
140kΩ
71.5kΩ
590kΩ
–15V
10
12
4
1
2
11
3
13
9
5
AD650
1MHz FULL-SCALE
RIN = 16.9k
COS = 51pF
CINT = 1000pF
(UNIPOLAR INPUT)
FREQ
OUT
INPUT
CARRIER
VOLTS INPUT
TO AD650
NAND
XOR
1
2
5
4
36
G
D
B
S
1/2 7474
1/2 7474
D1 PR1
D2 PR2
Q1
Q2
CLEAR1
SD211
DMOSFET
D TYPE FLIP FLOP
1
1
F/V
VOLTAGE
OUTPUT
INPUT
CARRIER
CLOCK1
CLOCK2
CLEAR2
AD509
OP AMP
1/4 7400
7486
Figure 22. Phase-Locked Loop F/V Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com