Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTBGFUG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRTBGFUG
Description  Enhanced optical Power LED
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBGFUG Datasheet(HTML) 1 Page - OSRAM GmbH

  LRTBGFUG Datasheet HTML 1Page - OSRAM GmbH LRTBGFUG Datasheet HTML 2Page - OSRAM GmbH LRTBGFUG Datasheet HTML 3Page - OSRAM GmbH LRTBGFUG Datasheet HTML 4Page - OSRAM GmbH LRTBGFUG Datasheet HTML 5Page - OSRAM GmbH LRTBGFUG Datasheet HTML 6Page - OSRAM GmbH LRTBGFUG Datasheet HTML 7Page - OSRAM GmbH LRTBGFUG Datasheet HTML 8Page - OSRAM GmbH LRTBGFUG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LRTB GFUG
MULTILED Black
Enhanced optical Power LED (ThinFilm / ThinGaN)
Lead (Pb) Free Product - RoHS Compliant
Discontinued acc. OS-PD-2017-054
2017-11-14
1
Besondere Merkmale
•
Gehäusetyp: schwarzes P-LCC-6 Gehäuse zur
Kontrasterhöhung (RGB-Displays) und diffuser
Silikon-Verguß
•
Besonderheit des Bauteils: additive
Farbmischung durch unabhängige Ansteuerung
aller Chips
•
Wellenlänge: 625 nm (red), 528 nm (true green),
470 nm (blau)
•
Abstrahlwinkel: Lambertscher Strahler (120°)
•
Technologie: ThinFilm (rot), ThinGaN (true grün,
blau)
•
optischer Wirkungsgrad: 10 lm/W (rot),
17 lm/W (true grün), 4 lm/W (blau)
•
Gruppierungsparameter: Lichtstärke,
Wellenlänge
•
Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
•
Lötmethode: Reflow Löten
•
Vorbehandlung: nach JEDEC Level 4
•
Gurtung: 12 mm Gurt mit 1000/Rolle, ø180 mm
oder 4000/Rolle, ø330 mm
•
ESD-Festigkeit: ESD-sensitives Bauteil
Anwendungen
• Videoleinwände
•
Vollfarb-Displays
Features
•
package: black P-LCC-6 package for higher
contrast (RGB-Displays) and diffused silicone
resin
•
feature of the device: additive mixture of color
stimuli by independent driving of each chip
•
wavelength: 625 nm (red), 528 nm (true green),
470 nm (blue)
•
viewing angle: Lambertian Emitter (120°)
•
technology: ThinFilm (red),
ThinGaN (true green, blue)
•
optical efficiency: 10 lm/W (red),
17 lm/W (true green), 4 lm/W (blue)
•
grouping parameter: luminous intensity,
wavelength
•
assembly methods: suitable for all
SMT assembly methods
•
soldering methods: reflow soldering
•
preconditioning: acc. to JEDEC Level 4
•
taping: 12 mm tape with 1000/reel, ø180 mm
or 4000/reel, ø330 mm
•
ESD-withstand voltage: ESD sensitive device
Applications
• video walls in outdoor areas
•
full color displays


Similar Part No. - LRTBGFUG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTBGFTG OSRAM-LRTBGFTG Datasheet
975Kb / 25P
white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
More results

Similar Description - LRTBGFUG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LATBT66B OSRAM-LATBT66B Datasheet
187Kb / 18P
Enhanced optical Power LED (HOP2000 / ATON짰)
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
Enhanced optical Power LED
LWG6SP OSRAM-LWG6SP Datasheet
257Kb / 17P
Advanced Power TOPLED Enhanced optical Power LED
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
Hyper TOPLED짰 Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
Enhanced optical Power LED
LTRBGFSF-ABCB OSRAM-LTRBGFSF-ABCB Datasheet
1Mb / 28P
Enhanced optical Power LED (ThinFilm / ThinGaN)
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com