Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTBGFUG Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LRTBGFUG
Description  Enhanced optical Power LED
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBGFUG Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LRTBGFUG Datasheet HTML 10Page - OSRAM GmbH LRTBGFUG Datasheet HTML 11Page - OSRAM GmbH LRTBGFUG Datasheet HTML 12Page - OSRAM GmbH LRTBGFUG Datasheet HTML 13Page - OSRAM GmbH LRTBGFUG Datasheet HTML 14Page - OSRAM GmbH LRTBGFUG Datasheet HTML 15Page - OSRAM GmbH LRTBGFUG Datasheet HTML 16Page - OSRAM GmbH LRTBGFUG Datasheet HTML 17Page - OSRAM GmbH LRTBGFUG Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LRTB GFUG
2017-11-14
14
Maximal zulässiger Durchlassstrom blau
Max. Permissible Forward Current blue
I
F = f (T); 1 chip on
Maximal zulässiger Durchlassstrom blau
Max. Permissible Forward Current blue
I
F = f (T); 3 chips on
Exemplarische durchschnittliche Lebens-
dauer für mittlere Helligkeitsgruppe
2) Seite 27
Exemplary median Lifetime for median
Brightness Group
2) page 28
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 20 mA
(blue, true green)
I
F = 15 mA
(red)
T
S = 25°C
>100.000*
Betriebs-
stunden
operating
hours
I
F = 15 mA
(blue, true green)
I
F = 20 mA
(red)
T
S = 85°C
>100.000*
Betriebs-
stunden
operating
hours
* lifetime L50 / B50
30
0
0
10
20
temp. solder point
Do not use below 5 mA
60
40
20
temp. ambient
T
S
T
A
120
80
˚C
T
T
A
40
F
I
50
mA
60
S
OHL03873
T
30
0
0
10
20
Do not use below 5 mA
temp. solder point
60
40
20
temp. ambient
T
S
T
A
A
T
120
80
˚C
T
40
F
I
50
mA
60
S
OHL03874
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com