Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTBGFUG Datasheet(PDF) 28 Page - OSRAM GmbH

Part # LRTBGFUG
Description  Enhanced optical Power LED
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBGFUG Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button LRTBGFUG Datasheet HTML 20Page - OSRAM GmbH LRTBGFUG Datasheet HTML 21Page - OSRAM GmbH LRTBGFUG Datasheet HTML 22Page - OSRAM GmbH LRTBGFUG Datasheet HTML 23Page - OSRAM GmbH LRTBGFUG Datasheet HTML 24Page - OSRAM GmbH LRTBGFUG Datasheet HTML 25Page - OSRAM GmbH LRTBGFUG Datasheet HTML 26Page - OSRAM GmbH LRTBGFUG Datasheet HTML 27Page - OSRAM GmbH LRTBGFUG Datasheet HTML 28Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
2017-11-14
28
LRTB GFUG
Remarks:
1)
Brightness values are measured during a current pulse of typical 25 ms, with an internal reproducibility of +/- 8 % and
an expanded uncertainty of +/- 11 % (acc. to GUM with a coverage factor of k = 3).
2)
Driving the LED in reverse direction is suitable for short term application.
3)
R
thJA results from mounting on PC board FR 4 (pad size  16 mm
2 per pad)
4)
The dominant wavelength is measured at a current pulse of typical 25 ms, with an internal reproducibility of +/- 0,5 nm
and an expanded uncertainty of +/- 1 nm (acc. to GUM with a coverage factor of k=3).
5)
The forward voltage is measured during a current pulse of typical 8 ms, with an internal reproducibility of +/- 0,05 V and
an expanded uncertainty of +/- 0,1 V (acc. to GUM with a coverage factor of k=3).
6)
Due to the special conditions of the manufacturing processes of LED, the typical data or calculated correlations of
technical parameters can only reflect statistical figures. These do not necessarily correspond to the actual parameters
of each single product, which could differ from the typical data and calculated correlations or the typical characteristic
line. If requested, e.g. because of technical improvements, these typ. data will be changed without any further notice.
7)
In the range where the line of the graph is broken, you must expect higher brightness differences between single LEDs
within one packing unit.
Dimming range for direct current mode max. 5:1 for red
8)
Dimensions are specified as follows: mm (inch)
9)
Package able to withstand TTW-soldering heat acc. to CECC 00802
10) A critical component is a component used in a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that device or
system.
11) Life support devices or systems are intended
(a) to be implanted in the human body,
or
(b) to support and/or maintain and sustain human life. If they fail, it is reasonable to assume that the health and the life
of the user may be endangered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com