Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6404CSX Datasheet(PDF) 5 Page - ON Semiconductor

Part # FMS6404CSX
Description  Precision Composite Video Output with Sound Trap and Group Delay Compensation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6404CSX Datasheet(HTML) 5 Page - ON Semiconductor

  FMS6404CSX Datasheet HTML 1Page - ON Semiconductor FMS6404CSX Datasheet HTML 2Page - ON Semiconductor FMS6404CSX Datasheet HTML 3Page - ON Semiconductor FMS6404CSX Datasheet HTML 4Page - ON Semiconductor FMS6404CSX Datasheet HTML 5Page - ON Semiconductor FMS6404CSX Datasheet HTML 6Page - ON Semiconductor FMS6404CSX Datasheet HTML 7Page - ON Semiconductor FMS6404CSX Datasheet HTML 8Page - ON Semiconductor FMS6404CSX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6404 • Rev. 1.0.0
4
AC Electrical Characteristics
TA=25°C, VCC=5.0V, RS=37.5Ω, all inputs are AC-coupled with 0.1µF, and all outputs are AC coupled with 220µF into
150Ω load, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
AVCV
Low Frequency Gain CVOUT
at 400kHz
5.8
6.0
6.2
dB
AVEQ
Low Frequency Gain
(EQ_NOTCH)
at 400kHz
5.7
6.0
6.4
dB
CVsync
CVOUT Output Level
(During Sync)
Sync Present on CVIN (After 6dB Gain)
0.35
0.50
V
EQsync
EQ_NOTCH Output Level
(During Sync)
Sync Present on CVIN (After 6dB Gain)
0.35
0.50
V
tCLAMP
Clamp Response Time
CVOUT
Settled to within 10mV
5
ms
fFLAT
Gain Flatness to 4.2MHz
CVOUT
-0.5
0
0.5
dB
fC
-3dB Bandwidth
CVOUT Channel
6.7
7.6
MHz
fSB
Stopband Attenuation CVOUT
at 27MHz
40
50
dB
dG
Differential Gain
CVOUT
1.4
3.0
%
dq
Differential Phase
CVOUT
0.7
1.5
°
THD
Output Distortion
VOUT=1.4Vpp at 3.58MHz
0.3
%
XTALK
Crosstalk
VOUT=1.4Vpp at 3.58MHz
-50
dB
SNR
SNR CVOUT Channel
NTC-7 Weighting 4.2MHz Low-Pass
VIN=714mV, VOUT=1.428VPP/1.010Vrms
70
75
dB
SNR EQ_NOTCH Channel
NTC-7 Weighting 4.2MHz Low-Pass VIN
=714mV VOUT=1.428Vpp/1.010Vrms
65
70
dB
tpd
Propagation Delay
at 400kHz
112
ns
GD
Group Delay CVOUT
at 3.58MHz (Reference to 400KHz)
-5
0
5
ns
tCLGCV
Chroma-Luma Gain CVOUT
f=3.58MHz (Reference to 400kHz)
98
100
102
%
tCLDCV
Chroma-Luma Delay CVOUT
f=3.58MHz (Reference to 400kHz)
-10
0
10
ns
tGDEQ
Group Delay EQ_NOTCH
f=3.58MHz (Reference to 400kHz)
-195
-180
-165
ns
tCLGEQ
Chroma-Luma Gain
EQ_NOTCH
f=3.58MHz (Reference to 400kHz)
95
100
105
%
tCLDEQ
Chroma-Luma Delay
EQ_NOTCH
f=3.58MHz (Reference to 400kHz)
-195
-180
-165
ns
dGEQ
Differential Gain
EQ_NOTCH Channel
0.3
1.0
%
dqEQ
Differential Phase
EQ_NOTCH Channel
0.30
0.75
%
MCF
Modulator Channel Flatness
EQ_NOTCH from 400kHz to 3.75MHz
-0.5
0
0.5
dB
AVPK
Gain Peaking
EQ_NOTCH from >3.75MHz to 4.2MHz
-0.5
0
0.5
dB
Atten1
Notch Attenuation 1
EQ_NOTCH at 4.425MHz
14
dB
Atten2
Notch Attenuation 2
EQ_NOTCH at 4.5MHz
20
dB
Atten3
Notch Attenuation 3
EQ_NOTCH at 4.6MHz
14
dB
tPASS
Passband Group Delay
EQ_NOTCH
f=400kHz to f=3MHz
-35
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com