Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6404CSX Datasheet(PDF) 4 Page - ON Semiconductor

Part # FMS6404CSX
Description  Precision Composite Video Output with Sound Trap and Group Delay Compensation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6404CSX Datasheet(HTML) 4 Page - ON Semiconductor

  FMS6404CSX Datasheet HTML 1Page - ON Semiconductor FMS6404CSX Datasheet HTML 2Page - ON Semiconductor FMS6404CSX Datasheet HTML 3Page - ON Semiconductor FMS6404CSX Datasheet HTML 4Page - ON Semiconductor FMS6404CSX Datasheet HTML 5Page - ON Semiconductor FMS6404CSX Datasheet HTML 6Page - ON Semiconductor FMS6404CSX Datasheet HTML 7Page - ON Semiconductor FMS6404CSX Datasheet HTML 8Page - ON Semiconductor FMS6404CSX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6404 • Rev. 1.0.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
DC Supply Voltage
-0.3
6.0
V
VIO
Analog and Digital I/O
-0.3
VCC+0.3
V
VOUT
Maximum Output Current, Do Not Exceed
100
mA
Electrostatic Discharge Information
Symbol
Parameter
Min.
Unit
ESD
Human Body Model, JESD22-A114
8
kV
Charged Device Model, JESD22-C101
2
Reliability Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
TL
Lead Temperature (Soldering, 10 Seconds)
+300
°C
JA
Thermal Resistance, JEDEC Standard, Multilayer Test Board, Still
Air
90
°C/W
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature Range
0
+70
°C
VCC
Supply Voltage Range
4.75
5.00
5.25
V
DC Electrical Characteristics
TA=25°C, VCC=5.0V, RS=37.5Ω, all inputs are AC-coupled with 0.1µF, and all outputs are AC coupled with 220µF into
150Ω load; unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VCC
Supply Voltage Range
VS Range
4.75
5.00
5.25
V
ICC
Quiescent Supply Current
VS=+5.0V, No Load
50
70
90
mA
VIN
Video Input Voltage Range
Referenced to GND if DC Coupled
1.4
VPP
PSRR
Power Supply Rejection Ratio
DC
-50
dB
ISC
Output Short Circuit Current
CV, EQ_NOTCH to GND
85
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com