Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6404CSX Datasheet(PDF) 8 Page - ON Semiconductor

Part # FMS6404CSX
Description  Precision Composite Video Output with Sound Trap and Group Delay Compensation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6404CSX Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FMS6404CSX Datasheet HTML 3Page - ON Semiconductor FMS6404CSX Datasheet HTML 4Page - ON Semiconductor FMS6404CSX Datasheet HTML 5Page - ON Semiconductor FMS6404CSX Datasheet HTML 6Page - ON Semiconductor FMS6404CSX Datasheet HTML 7Page - ON Semiconductor FMS6404CSX Datasheet HTML 8Page - ON Semiconductor FMS6404CSX Datasheet HTML 9Page - ON Semiconductor FMS6404CSX Datasheet HTML 10Page - ON Semiconductor FMS6404CSX Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6404 • Rev. 1.0.0
7
Applications Information
Layout Considerations
General layout and supply bypassing play a major role
in
high-frequency
performance
and
thermal
characteristics. Fairchild offers a four-layer board with
full power and ground planes board to guide layout and
aid device evaluation. Following this layout configuration
provides
optimum
performance
and
thermal
characteristics for the device. For best results, follow the
steps and recommended routing rules below.
Recommended Routing / Layout Rules
Do not run analog and digital signals in parallel.
Use separate analog and digital power planes to
supply power.
Traces must run on top of the ground plane.
No trace should run over ground/power splits.
Avoid routing at 90-degree angles.
Minimize clock and video data trace length
differences.
Include 10μF and 0.1μF ceramic power supply
bypass capacitors.
Place the 0.1μF capacitor within 2.54mm (0.1in)
of the device power pin.
Place the 10μF capacitor within 19.05mm (0.75in)
of the device power pin.
For multi-layer boards, use a large ground plane to
help dissipate heat.
For two-layer boards, use a ground plane that
extends beyond the device body at least 12.7mm
(0.5in) on all sides. Include a metal paddle under
the device on the top layer.
Minimize all trace lengths to reduce series
inductance.
Output Considerations
The outputs are DC offset from the input by 150mV;
therefore, VOUT = 2 • VIN DC + 150mV. This offset is
required for optimal performance from the output driver
and is held at the minimum value to decrease the
standing DC current into the load. Since the FMS6404
has a 2 x (6dB) gain, the output is typically connected
via a 75Ω-series back-matching resistor, followed by the
75Ω video cable. Due to the inherent divide-by-two of
this configuration, the blanking level at the load of the
video signal is always less than 1V. When AC-coupling
the output, ensure that the coupling capacitor passes
the lowest frequency content in the video signal and that
line time distortion (video tilt) is kept as low as possible.
The selection of the coupling capacitor is a function of
the subsequent circuit input impedance and the leakage
current of the input being driven. To obtain the highest
quality output video signal, the series termination
resistor must be placed as close to the device output pin
as
possible.
This
greatly
reduces
the
parasitic
capacitance and inductance effect on the output driver.
The distance from the device pin to the series termination
resistor should be no greater than 2.54mm (0.1in).
Figure 14. Termination Resistor Placement
Thermal Considerations
Since the interior of most systems, such as set-top
boxes,
TVs,
and
DVD
players;
is
at
+70ºC;
consideration must be given to providing an adequate
heat sink for the device package for maximum heat
dissipation. When designing a system board, determine
how much power each device dissipates. Ensure that
devices of high power are not placed in the same
location, such as directly above (top plane) or below
(bottom plane) each other on the PCB.
PCB Thermal Layout Considerations
Understand the system power requirements and
environmental conditions.
Maximize thermal performance of the PCB.
Consider using 70μm of copper for high-power
designs.
Make the PCB as thin as possible by reducing
FR4 thickness.
Use vias in power pad to tie adjacent layers
together.
Remember that baseline temperature is a function
of board area, not copper thickness.
Modeling techniques provide a first-order
approximation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com