Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS6404CSX Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMS6404CSX
Description  Precision Composite Video Output with Sound Trap and Group Delay Compensation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6404CSX Datasheet(HTML) 2 Page - ON Semiconductor

  FMS6404CSX Datasheet HTML 1Page - ON Semiconductor FMS6404CSX Datasheet HTML 2Page - ON Semiconductor FMS6404CSX Datasheet HTML 3Page - ON Semiconductor FMS6404CSX Datasheet HTML 4Page - ON Semiconductor FMS6404CSX Datasheet HTML 5Page - ON Semiconductor FMS6404CSX Datasheet HTML 6Page - ON Semiconductor FMS6404CSX Datasheet HTML 7Page - ON Semiconductor FMS6404CSX Datasheet HTML 8Page - ON Semiconductor FMS6404CSX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
October 2011
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6404 • Rev. 1.0.0
FMS6404
Precision Composite Video Output with Sound Trap and
Group Delay Compensation
Features
7.6MHz 5th-Order Composite Video Filter
14dB Notch at 4.425MHz to 4.6MHz for Sound Trap
Capable of Handling Stereo
50dB Stopband Attenuation at 27MHz on
CV Output
> 0.5dB Flatness to 4.2MHz on CV Output
Equalizer and Notch Filter for Driving RF Modulator
with Group Delay of -180ns
No External Frequency Selection Components
or Clocks
< 5ns Group Delay on CV Output
AC-Coupled Input
AC- or DC-Coupled Output
Capable of PAL Frequency for CV
Continuous Time Low-Pass Filters
<1.4% Differential Gain with 0.7° Differential Phase
on CV Channel
Integrated DC Restore Circuitry with Low Tilt
Applications
Cable Set-Top Boxes
Satellite Set-Top Boxes
DVD Players
Description
The FMS6404 is a single composite video 5th-order
Butterworth low-pass video filter optimized for minimum
overshoot and flat group delay. The device contains an
audio trap that removes video information in a spectral
location of the subsequent RF audio carrier. The group
delay compensation circuit pre-distorts the signal to
compensate for the inherent receiver intermediate
frequency (IF) filter’s group delay distortion.
In a typical application, the composite video from the
DAC is AC coupled into the filter. The CV input has DC-
restore circuitry to clamp the DC input levels during
video synchronization. The clamp pulse is derived from
the CV channel.
All outputs are capable of driving 2VPP, AC- or DC-
coupled, into either a single or dual video load. A single
video load consists of a series 75Ω impedance
matching resistor connected to a terminated 75Ω line.
This presents a total of 150Ω of loading to the part. A
dual load would be two of these in parallel, which
presents a total of 75Ω to the part. The gain of the CV
signal is 6dB with 1VPP input levels. All video channels
are clamped during synchronization to establish the
appropriate output voltage reference levels.
Related Resources
AN-6024 – FMS6xxx Product Series Understanding
Analog Video Signal Clamps, Bias, DC Restore,
and AC or DC coupling Methods
AN-6041 – PCB Layout Considerations for Video
Filter / Drivers
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing Method
FMS6404CSX
-40°C to +70°C
8-Lead, Small-Outline Integrated Circuit (SOIC),
JEDEC MS-012, .150" Narrow Body
2500 Units
per Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com