Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REM1 Datasheet(PDF) 1 Page - Recom International Power

Part # REM1
Description  1 Watt SIP7 Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM1 Datasheet(HTML) 1 Page - Recom International Power

  REM1 Datasheet HTML 1Page - Recom International Power REM1 Datasheet HTML 2Page - Recom International Power REM1 Datasheet HTML 3Page - Recom International Power REM1 Datasheet HTML 4Page - Recom International Power REM1 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MED-1
REV.: 2/2017
www.recom-power.com
1 Watt
SIP7
Single Output
DC/DC Converter
Features
Unregulated
Converters
• Medical Grade DC/DC Converter
• 250VAC Working, 2MOPP
• 5.2kVDC Isolation for 250VAC working voltage
• -40°C Up To +90°C Operating Temperature
• 3rd Ed. Safety And 4th. Ed. EMC (pending)
REM1
2MOPP
250VAC
Description
The REM1 complements the existing board-mount REM3, REM6 and REM10 series by offering
a 1W medical grade unregulated DC/DC converter in a more compact SIP7 package. The REM1
features reinforced 5.2kVDC/1 minute isolation and 2MOPP/250VAC working voltage. The REM1 is
available with 3.3, 5, 12, 15 or 24V inputs and offers 3.3, 5 or 12V outputs with up to 85%
efficiency. The operating temperature range is -40°C up to +90°C. The converter is Class B EMC and
60601-1-2 (4th Ed.) medical EMC certified using a simple external LC filter. The converters are
fully certified to CB, IEC/EN and ANSI/AAMI 60601 third edition safety standards, RoHS2+ (10/10)
and REACH and come with a 5 year warranty.
Selection Guide
Part
nom. Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
REM1-3.33.3S
3.3
3.3
303
78
2200
REM1-3.305S
3.3
5
200
81
2200
REM1-3.312S
3.3
12
84
85
470
REM1-053.3S
5
3.3
303
79
2200
REM1-0505S
5
5
200
80
2200
REM1-0512S
5
12
84
84
470
REM1-123.3S
12
3.3
303
78
2200
REM1-1205S
12
5
200
81
2200
REM1-153.3S
15
3.3
303
77
2200
REM1-1505S
15
5
200
81
2200
REM1-243.3S
24
3.3
303
76
2200
REM1-2405S
24
5
200
80
2200
5 YEAR
warranty
5
E314885
IEC/EN60601-1 certified
ANSI/AAMI ES60601-1 certified
EN62368-1 certified
IEC/EN60601-1-2
EN55011
CB Report
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Capacitor
Input Voltage Range
nom. Vin=
3.3VDC
5VDC
12VDC
15VDC
24VDC
2.97VDC
4.5VDC
10.8VDC
13.5VDC
21.6VDC
3.63VDC
5.5VDC
13.2VDC
16.5VDC
26.4VDC
Maximum Reverse Voltage
0VDC
Quiescent Current
nom. Vin=
3.3VDC
5VDC
12VDC
15VDc
24VDC
40mA
25mA
12mA
10mA
7mA
continued on next page
Notes:
Note1: Efficiency tested by nominal input and full load at +25°C ambient.
Note2: Max Cap Load tested by nominal input and full resisitive load.
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)


Similar Part No. - REM1

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM10 RECOM-REM10 Datasheet
1Mb / 5P
Reinforced Insulation for 250VAC Working Voltage
REM10-0505D RECOM-REM10-0505D Datasheet
474Kb / 6P
10 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM10-0505S RECOM-REM10-0505S Datasheet
474Kb / 6P
10 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM10-0512D RECOM-REM10-0512D Datasheet
474Kb / 6P
10 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM10-0512S RECOM-REM10-0512S Datasheet
474Kb / 6P
10 Watt 2:1 & 4:1 DIP24 Single and Dual Output
More results

Similar Description - REM1

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
1 Watt SIP7 Single & Dual Output
RE RECOM-RE Datasheet
98Kb / 2P
1 Watt SIP7 Single Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
1 Watt SIP7 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
1 Watt SIP7 Single Output
REV.: 0/2023
RYK RECOM-RYK Datasheet
752Kb / 5P
1 Watt SIP7 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com