Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REM1 Datasheet(PDF) 2 Page - Recom International Power

Part # REM1
Description  1 Watt SIP7 Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM1 Datasheet(HTML) 2 Page - Recom International Power

  REM1 Datasheet HTML 1Page - Recom International Power REM1 Datasheet HTML 2Page - Recom International Power REM1 Datasheet HTML 3Page - Recom International Power REM1 Datasheet HTML 4Page - Recom International Power REM1 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
Parameter
Condition
Min.
Typ.
Max.
Internal Operating Frequency
40kHz
Minimum Load
0%
Output Ripple and Noise (3)
20MHz BW
75mVp-p
MED-2
REV.: 2/2017
www.recom-power.com
REM1
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
Efficiency vs. Load
Tolerance Envelope
REM1-xx3.3S
REM1-xx05S
REM1-xx12S
REM1-3.33.3S
REM1-2405S
3.33.3
053.3
123.3
153.3
243.3
Load Current [A]
0
10
0
20
40
60
80
20
10
30
30
40
50
60
50
80
90
70
100
70
90
100
3.305
0505
1205
1505
2405
Load Current [A]
0
10
0
20
40
60
80
20
10
30
30
40
50
60
50
80
90
70
100
70
90
100
3.312
0512
Load Current [A]
0
10
0
20
40
60
80
20
10
30
30
40
50
60
50
80
90
70
100
70
90
100
+12
10
50
100
+6
-0.5
-5
+5
V Nom.
+Vout and -Vout Load Current [%]
Typical Load
Line
+8
10
50
100
+3
-0.5
-5
+5
V Nom.
+Vout and -Vout Load Current [%]
Typical Load
Line
Notes:
Note3: Measurements are made with a 0.1µF MLCC across output. (low ESR).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com