Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REM1 Datasheet(PDF) 5 Page - Recom International Power

Part # REM1
Description  1 Watt SIP7 Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM1 Datasheet(HTML) 5 Page - Recom International Power

  REM1 Datasheet HTML 1Page - Recom International Power REM1 Datasheet HTML 2Page - Recom International Power REM1 Datasheet HTML 3Page - Recom International Power REM1 Datasheet HTML 4Page - Recom International Power REM1 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC/DC Converter
MED-5
REV.: 2/2017
www.recom-power.com
REM1
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
EMC Filtering Suggestions according to EN55011
Component list Class B
C1
C2
+Vin
-Vin
L1
Input Voltage
C1
C2
L1
3.3VDC
4.7µF
470pF/6kVDC
22µH Choke
5VDC
12VDC
15VDC
24VDC
2.2µF
47µH Choke
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
PCB
black plastic, (UL94 V-0)
silicone (UL94 V-0)
FR4 (UL94 V-0)
Package Dimension (LxWxH)
19.6 x 6.0 x 10.2mm
Package Weight
2.6g typ.
Pin Connections
Pin #
Single
1
+Vin
2
-Vin
6
-Vout
7
+Vout
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.25mm
Pin dimension:
±0.1mm
Dimension Drawing (mm)
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
tube
520.0 x 16.0 x 9.3mm
Packaging Quantity
25pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidtiy
non-condensing
TBD
Bottom View
Top View
0.51
6.0
1.00 Ø +0.15/-0
19.6
6x2.54= 15.24
2.0
2.54
1 2
6 7
Marking
embossed logo
recommended footprint detail



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com