Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REM1 Datasheet(PDF) 4 Page - Recom International Power

Part # REM1
Description  1 Watt SIP7 Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM1 Datasheet(HTML) 4 Page - Recom International Power

  REM1 Datasheet HTML 1Page - Recom International Power REM1 Datasheet HTML 2Page - Recom International Power REM1 Datasheet HTML 3Page - Recom International Power REM1 Datasheet HTML 4Page - Recom International Power REM1 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DC/DC Converter
MED-4
REV.: 2/2017
www.recom-power.com
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
REM1
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating (see graph)
-40°C °C to +85°C
Maximum Case Temperature
105°C
Temperature Coefficient
0.02%/°C typ.
Operating Altitude
according to IEC/EN60601-1
accroding to IEC/EN62368-1
3000m
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+85°C
18200 x 103 hours
7500 x 103 hours
Vibration
according to MIL-STD-202G standard
100 120
80
85 90
60
40
20
0
-20
-40
0
20
30
40
60
80
100
Ambient Temperature [°C]
Derating Graph
(@ chamber and natural convection 0.1m/s)
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Audio/video, information and communication technology equipment. Safety
requirements (CB Scheme)
L0339m31-A-L
EN62368-1:2014
Medical Electric Equipment, General Requirements for Saftey and Essential
Performance
E314885-D1000-1/A0/C0-UL
ANSI/AAMI ES60601-1:2012 + A2 2010/2012
CSA C22.2 No. 60601-1:14, 3rd Edition, 2014
Medical Electric Equipment, General Requirements for Safety and Essential
Performance
E314885-D1000-1/A0/C0-CB
IEC60601-1:2005 +AM1:2012
EN60601-1:2006 + A12:2014
RoHs2+
RoHS-2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Medical electrical equipment - Part 1-2: General requirements for basic safety
and essential performance - Collateral standard: Electromagnetic compatibility
IEC60601-1-2:2014
EN60601-1-2:2015
Industrial, scientific and medical equipment - Radio frequency disturbance
characteristics - Limits and methods of measurement
with external filter
EN55011, 2009+A1:2010, Class B
ESD Electrostatic discharge immunity test
air: ±15kV; contact: ±8kV
IEC61000-4-2:2008 , Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
IEC61000-4-3:2006+A2:2010, Criteria A
Fast Transient and Burst Immunity
DC port: ±2kV
IEC61000-4-4:2012, Criteria A
Surge Immunity
DC port: ±1kV
IEC61000-4-5:2014, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
DC port: 6V
IEC61000-4-6:2013, Criteria A
Power Magnetic Field Immunity
50Hz, 30A/m
IEC61000-4-8:2009, Criteria A
continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com