Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2707 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2707
Description  Inductive-Boost Series LED Driver with Programmable Oscillator Frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2707 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2707 Datasheet HTML 1Page - National Semiconductor (TI) LM2707 Datasheet HTML 2Page - National Semiconductor (TI) LM2707 Datasheet HTML 3Page - National Semiconductor (TI) LM2707 Datasheet HTML 4Page - National Semiconductor (TI) LM2707 Datasheet HTML 5Page - National Semiconductor (TI) LM2707 Datasheet HTML 6Page - National Semiconductor (TI) LM2707 Datasheet HTML 7Page - National Semiconductor (TI) LM2707 Datasheet HTML 8Page - National Semiconductor (TI) LM2707 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2707
Inductive-Boost Series LED Driver with Programmable
Oscillator Frequency
General Description
The LM2707 is a magnetic boost regulator specifically de-
signed for white LED drive applications. Tightly regulated
LED currents, exceptional LED brightness uniformity, and
very high LED-drive power efficiency (>80%) can all be
achieved by stacking the LEDs in series between the
LM2707 output and the low-voltage feedback pin (0.515V).
The LM2707 requires only a few small external components.
A small inductor with a low saturation current rating can
safely be used because the tightly controlled current limit
circuit prevents large inductor current spikes, even at start-
up. The output capacitor can also be small due to the tightly
controlled output over-voltage protection circuit.
The LM2707 is an excellent choice for display backlighting
and other general-purpose lighting functions in battery pow-
ered applications. The 2.3V-to-7V input voltage range of the
device easily accommodates single-cell Lithium-Ion batter-
ies and battery chargers.
The LM2707 features 18V output capability, PFM regulation,
and a high-current switching transistor (400mA peak). These
characteristics allow the part to drive a series string of 2-to-4
LEDs with forward currents between 0 and 40mA. LED
brightness can be adjusted dynamically simply by applying a
PWM signal to the enable (EN) pin. The PWM signal can be
as fast as 50kHz because the LM2707 has a fast turn-on
time.
In addition to LED-drive applications, the LM2707 can also
be used as a general purpose DC-DC voltage regulator in
boost converter applications.
The LM2707 is available in a SOT23-8 surface mount pack-
age.
Features
n
Excellent LED Drive Capability:
3 LED String: 30mA
4 LED String: 20 mA
6 LEDs (2 strings of 3): 15 mA
n
Very High LED Drive Efficiency: > 80%
n
Low Feedback Voltage: 515mV
n
Low-Resistance NMOS Power Switch: 0.6
Ω
n
High-Speed PWM Brightness Control Capability
n
Over-Voltage Protection (18V min, 19V typ, 20V max)
n
Inrush and Inductor Current Limiting
n
2.3V - 7V Input Voltage Range
n
Requires Only a Few External Components
n
No External Compensation Needed
n
Programmable Oscillator Frequency
n
ON/OFF Pin
n
Small SOT23-8 Package
Applications
n
White LED Drive for Display Backlights
n
LED Flashlights
n
General Purpose LED Lighting
n
Step-up DC/DC Voltage Conversion
Typical Application Circuit
20099225
February 2005
© 2005 National Semiconductor Corporation
DS200992
www.national.com


Similar Part No. - LM2707

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
512Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI1-LM2700 Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700 Datasheet
1Mb / 26P
LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700LD-ADJ NSC-LM2700LD-ADJ Datasheet
478Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

Similar Description - LM2707

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2483 MPS-MP2483 Datasheet
388Kb / 14P
2.5A, 55V, Programmable Frequency White LED Driver
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
1A, 55V, Programmable Frequency White LED Driver
MP24830 MPS-MP24830 Datasheet
653Kb / 15P
4.5V . 90V, Programmable Frequency White LED Driver
logo
ON Semiconductor
LV52204MU ONSEMI-LV52204MU Datasheet
522Kb / 16P
LED Boost Driver with PWM
May, 2014
logo
Monolithic Power System...
EV24830-L-00A MPS-EV24830-L-00A Datasheet
306Kb / 7P
Buck- Boost Mode White LED Driver 8V ??24V, Programmable Frequency
EV24830-S-00A MPS-EV24830-S-00A Datasheet
352Kb / 7P
Buck- Boost Mode White LED Driver 5V ??90V, Programmable Frequency
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
Boost White LED Driver With High Frequency PWM Dimming
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Analog Devices
LT3966 AD-LT3966 Datasheet
2Mb / 36P
I2C Programmable Quad Monolithic Boost LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com