Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2707 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2707
Description  Inductive-Boost Series LED Driver with Programmable Oscillator Frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2707 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2707 Datasheet HTML 7Page - National Semiconductor (TI) LM2707 Datasheet HTML 8Page - National Semiconductor (TI) LM2707 Datasheet HTML 9Page - National Semiconductor (TI) LM2707 Datasheet HTML 10Page - National Semiconductor (TI) LM2707 Datasheet HTML 11Page - National Semiconductor (TI) LM2707 Datasheet HTML 12Page - National Semiconductor (TI) LM2707 Datasheet HTML 13Page - National Semiconductor (TI) LM2707 Datasheet HTML 14Page - National Semiconductor (TI) LM2707 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Product Description (Continued)
An example with C
X = 68pF:
F
OSC = 26.3MHz / (15 + 68) = 317kHz.
The minimum recommended C
X capacitance is 10pF.
The rise time (t
r) of the CX signal is 2.2x longer than the fall
time (t
f). This gives an oscillator duty cycle (DOSC) of 0.69.
The duty cycle of the switching converter (D
SW) is actually
slightly greater than the duty cycle of the oscillator because
there is a delay (t
D) of approximately 200ns in turning off the
power transistor.
The output of the oscillator connects to the R-S latch. When
the reset signal of the latch is low, the oscillator signal
becomes the ON/OFF signal for the power transistor, as
described in the previous section.
CURRENT LIMIT
The LM2707 current limit circuit senses the current through
the inductor and interrupts switching when the current limit
threshold is exceeded. The current limit circuit is shown in
Figure 4.
The current limit circuit operates by comparing the voltage
across sense resistor R
S to a 100mV (typ.) reference voltage
V
R. Resistors R1 and R2 provide an input-voltage compo-
nent to the current limit that causes the current limit to be
lower at higher input voltages.
The current limit threshold can be calculated by determining
when the voltages on the current limit comparator inputs are
equal:
An example: when V
IN = 4.0V, ILIMIT
) 228mA.
When the current limit comparator trips, the comparator
output causes the R-S latch to reset, and the power transis-
tor is turned off. The transistor does not turn off immediately,
though. There is a 200ns (typ.) delay between when the
comparator trips and the power transistor turns off. Because
of this delay, the peak inductor current rises above the
current limit threshold. Peak inductor current is discussed
and calculated in the section to follow: Peak Inductor Cur-
rent.
The transistor Q1 in Figure 4 opens when the EN signal is
low, blocking the current path from input to ground through
resistors R
S,R1, and R2. This keeps the input current very
low during shutdown.
PEAK INDUCTOR CURRENT
When conditions exist such that current limit is not reached
during normal steady-state operation, peak inductor current
is determined by the power switch ON time and can be
predicted with the following equation:
V
IN: Input voltage (Note 12)
L: Inductance
t
ON: Switch ON time. (See the Programmable Oscillator
section)
An example -- V
IN = 3.0V, L = 22µH, CX = 38pF:
When the current limit is engaged before the switch is turned
off by the oscillator, the peak inductor current of the circuit
(I
L-PK-LIMIT) is determined by the current limit value and the
turn-off delay of the power switch:
I
LIMIT: Current Limit -- 330mA - (VIN x 25.5mA/V)
t
D: Power transistor turn-off delay (200ns typ.)
An example -- V
IN = 3.6V, L = 22µH:
20099230
FIGURE 4. LM2707 Internal Current Limit Circuit
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com