Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2707 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2707
Description  Inductive-Boost Series LED Driver with Programmable Oscillator Frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2707 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2707 Datasheet HTML 8Page - National Semiconductor (TI) LM2707 Datasheet HTML 9Page - National Semiconductor (TI) LM2707 Datasheet HTML 10Page - National Semiconductor (TI) LM2707 Datasheet HTML 11Page - National Semiconductor (TI) LM2707 Datasheet HTML 12Page - National Semiconductor (TI) LM2707 Datasheet HTML 13Page - National Semiconductor (TI) LM2707 Datasheet HTML 14Page - National Semiconductor (TI) LM2707 Datasheet HTML 15Page - National Semiconductor (TI) LM2707 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Product Description (Continued)
Figure 5 graphs the relationship between inductor current
and current limit. Figure 6 plots ideal inductor current wave-
forms to illustrate inductor current behavior. Figure 7 gives
peak inductor current versus input voltage and shows the
two regions where the oscillator and current limit, respec-
tively, determine peak inductor current.
Note 12: VIN is a good approximation of the voltage across the inductor
during the charge phase. Actual voltage across the inductor will be slightly
lower due to the VDS voltage of the power transistor, but this factor is minimal
due to the low RDS-ON of the power transistor.
INCREASING CURRENT LIMIT AND PEAK INDUCTOR
CURRENT
It is possible to increase the current limit by placing an
external resistor between the V
IN and LX pins, as shown in
Figure 8. With the addition of the external resistor, only a
fraction of the total inductor current passes through internal
sense resistor. Thus, it takes more inductor current for the
voltage across the internal sense resistor to become large
enough to trip the current limit comparator.
The addition of an external current limit resistor modifies the
associated peak inductor equation to:
R
EXT: External Current Limit Adjust Resistance
20099231
FIGURE 5. Peak Inductor Current and Current Limit vs.
Input Voltage
20099232
FIGURE 6. Ideal Inductor Current Waveforms
20099252
FIGURE 7. Peak Inductor Current vs. Input Voltage.
L = 22µH, C
X = 68pF.
20099233
FIGURE 8. Increase Current Limit and Peak Inductor
Current by Adding R
EXT
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com