Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2707 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2707
Description  Inductive-Boost Series LED Driver with Programmable Oscillator Frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2707 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2707 Datasheet HTML 1Page - National Semiconductor (TI) LM2707 Datasheet HTML 2Page - National Semiconductor (TI) LM2707 Datasheet HTML 3Page - National Semiconductor (TI) LM2707 Datasheet HTML 4Page - National Semiconductor (TI) LM2707 Datasheet HTML 5Page - National Semiconductor (TI) LM2707 Datasheet HTML 6Page - National Semiconductor (TI) LM2707 Datasheet HTML 7Page - National Semiconductor (TI) LM2707 Datasheet HTML 8Page - National Semiconductor (TI) LM2707 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Connection Diagram
8-Pin SOT23 Package
National Semiconductor Package Number MF08A
20099226
Pin Descriptions
Pin #
Name
Description
1V
IN
Input Voltage Connection. Input Voltage Range: 2.3V to 7.0V
2L
X
Inductor Input Connection
3
SW
Switching Node
4V
OVP
Output Sense Pin for Over-Voltage Protection Circuit
5
FB
Output Voltage Feedback. Reference Voltage is 0.515V (typ.)
6
GND
Ground
7C
X
Oscillator Frequency Adjustment
8
EN
Active-High Enable Pin
LM2707 is ON when V(EN) is above 1.2V
LM2707 is Shutdown when V(EN) is below 0.3V
Order Information
Order Number
Package Marking
Package
Supplied as:
LM2707MF
S0TB
SOT23-8
(MF08A)
Tape and Reel, 1000 Units/Reel
LM2707MFX
S0TB
Tape and Reel, 3500 Units/Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com