Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87608AYILF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS87608AYILF
Description  LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS87608AYILF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS87608AYILF Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS87608AYILF Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS87608AYILF Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS87608AYILF Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS87608AYILF Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS87608AYILF Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS87608AYILF Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS87608AYILF Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS87608AYILF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
87608AYI
www.icst.com/products/hiperclocks.html
REV. B MARCH 11, 2005
1
Integrated
Circuit
Systems, Inc.
ICS87608I
LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X
ZERO DELAY CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS87608I has a selectable REF_CLK or
cr ystal input. The REF_CLK input accepts
LVCMOS or LVTTL input levels. The ICS87608I
has a fully integrated PLL along with frequency
configurable clock and feedback outputs for
multiplying and regenerating clocks with “zero delay”.
The ICS87608I is a 1:8 PCI/PCI-X Clock Generator and a
member of the HiPerClockSTM family of high performance clock
solutions from ICS. The ICS87608I has a selectable REF_CLK
or crystal input. The REF_CLK input accepts LVCMOS or
LVTTL input levels. The ICS87608I has a fully integrated PLL
along with frequency configurable clock and feedback outputs
for multiplying and regenerating clocks with “zero delay”. The
PLL’s VCO has an operating range of 250MHz-500MHz,
allowing this device to be used in a variety of general purpose
clocking applications. For PCI/PCI-X applications in particular,
the VCO frequency should be set to 400MHz. This can be
accomplished by supplying 33.33MHz, 25MHz, 20MHz, or
16.66MHz on the reference clock or crystal input and by
selecting ÷12, ÷16, ÷20, or ÷24, respectively as the feedback
divide value. The dividers on each of the two output banks
can then be independently configured to generate 33.33MHz
(÷12), 66.66MHz (÷6), 100MHz (÷4), or 133.33MHz (÷3).
The ICS87608I is characterized to operate with its core supply
at 3.3V and each bank supply at 3.3V or 2.5V. The ICS87608I
is packaged in a small 7x7mm body LQFP, making it ideal for
use in space-constrained applications.
FEATURES
• Fully integrated PLL
• 8 LVCMOS/LVTTL outputs, 15Ω typical output impedance
• Selectable crystal oscillator interface or
LVCMOS/LVTTL REF_IN clock input
• Maximum output frequency: 166.67MHz
• Maximum crystal input frequency: 38MHz
• Maximum REF_IN input frequency: 41.67MHz
• Individual banks with selectable output dividers for
generating 33.333MHz, 66.66MHz, 100MHz and
133.333MHz
• Separate feedback control for generating PCI / PCI-X
frequencies from a 16.66MHz or 20MHz crystal, or 25MHz
or 33.33MHz reference frequency
• VCO range: 200MHz to 500MHz
• Cycle-to-cycle jitter: 120ps (maximum), @ 3.3V
• Period jitter, RMS: 20ps (maximum)
• Output skew: 250ps (maximum)
• Bank skew: 60ps (maximum)
• Static phase offset: 160ps ± 160ps
• Voltage Supply Modes:
V
DD (core/inputs), VDDA (analog supply for PLL),
V
DDOA (output bank A),
V
DDOB (output bank B, REF_OUT, FB_OUT)
V
DD/VDDA/VDDOA/VDDOB
3.3/3.3/3.3/3.3
3.3/3.3/2.5/3.3
3.3/3.3/3.3/2.5
3.3/3.3/2.5/2.5
• Lead-Free package fully RoHS compliant
• -40°C to 85°C ambient operating temperature
HiPerClockS™
ICS
PIN ASSIGNMENT
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
QB0
QB1
GND
QB2
QB3
VDDOB
REF_OUT
FB_OUT
QA0
QA1
GND
QA2
QA3
VDDOA
MR
DIV_SELA0
ICS87608I
32-Lead LQFP
7mm x 7mm x 1.4mm
package body
Y package
Top View


Similar Part No. - ICS87608AYILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
REV. C SEPTEMBER 7, 2004
ICS8761CY ICST-ICS8761CY Datasheet
200Kb / 15P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
REV. C SEPTEMBER 7, 2004
ICS8761CYLF ICST-ICS8761CYLF Datasheet
200Kb / 15P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
REV. C SEPTEMBER 7, 2004
ICS8761CYLFT ICST-ICS8761CYLFT Datasheet
200Kb / 15P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
REV. C SEPTEMBER 7, 2004
ICS8761CYLN ICST-ICS8761CYLN Datasheet
200Kb / 15P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
REV. C SEPTEMBER 7, 2004
More results

Similar Description - ICS87608AYILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
Low Skew PCI / PCI-X Buffer
Rev B 02/27/01
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
REV. C SEPTEMBER 7, 2004
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
LOW SKEW PCI/PCI-X BUFFER
Revision 062105
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
87604I RENESAS-87604I Datasheet
393Kb / 14P
Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator
11/11/15
87608I RENESAS-87608I Datasheet
353Kb / 16P
bLow Voltage/Low Skew, 1:8 PCI/PCI-X Zero Delay clock Generator
January 25, 2016
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
LOW SKEW PCI/PCI-X BUFFER
110110
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
Low Skew PCI / PCI-X Buffer
08/12/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com