Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CU877 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6CU877
Description  PLL Clock Driver for 1.8V DDR2 Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CU877 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6CU877 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CU877 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CU877 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CU877 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CU877 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CU877 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CU877 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CU877 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CU877 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
PS8689B
08/05/04
Description
PI6CU877 PLL clock driver is developed for Registered DDR2
DIMM applications with 1.8V operation and differential data input
and output levels.
The device is a zero delay buffer that distributes a differential
clock input pair (CLK, CLK) to eleven differential pairs of clock
outputs which includes feedback clock (Y[0:9], Y[0:9]; FBOUT,
FBOUT).
TheclockoutputsarecontrolledbyCLK/CLK,FBOUT,FBOUT,the
LVCMOS (OE, OS) and the Analog Power input (AVDD). When
OEisLOWtheoutputsexcept FBOUT,FBOUT,aredisabledwhile
the internal PLL continues to maintain its locked-in frequency.
OS is a program pin that must be tied to GND or VDD. When OS
is high, OE will function as described above. When OS is LOW,
OE has no effect on Y7/Y7, they are free running. When AVDD is
grounded, the PLL is turned off and bypassed for test purposes.
When CLK/CLK are logic low, the device will enter a low power
mode.An input logic detection circuit will detect the logic low level
and perform a low power state where all Y[0:9], Y[0:9]; FBOUT,
FBOUT, and PLL are OFF.
PI6CU877 is a high performance, low skew, and low jitter PLL
clock driver, and it is also able to track Spread Spectrum Clocking
(SSC) for reduced EMI.
Features
• PLL clock distribution optimized for DDR2 SDRAM
applications.
• Distributes one differential clock input pair to ten differential
clock output pairs.
• Differential Inputs (CLK, CLK) and (FBIN, FBIN)
• Input OE/OS: LVCMOS
• Differential Outputs (Y[0:9], Y[0:9] and (FBOUT, FBOUT)
• External feedback pins (FBIN, FBIN) are used to
synchronize the outputs to the clock input.
• Operates at AVDD = 1.8V for core circuit and internal PLL,
and VDDQ = 1.8V for differential output drivers
• Packaging (Pb-free & Green available):
– 52-ball VFBGA (NF)
Pin Configuration
PI6CU877
PLL Clock Driver for
1.8V DDR2 Memory
1
2
3
4
5
6
A
Y1
Y0
Y0
Y5
Y5
Y6
B
Y1
GND
GND
GND
GND
Y6
C
Y2
GND
NB
NB
GND
Y7
D
Y2
VDDQ
VDDQ
VDDQ
OS
Y7
E
CK
VDDQ
NB
NB
VDDQ
FBIN
F
CK
VDDQ
NB
NB
OE
FBIN
G
AGND
VDDQ
VDDQ
VDDQ
VDDQ
FBOUT
H
AVDD
GND
NB
NB
GND
FBOUT
J
Y3
GND
GND
GND
GND
Y8
k
Y3
Y4
Y4
Y9
Y9
Y8


Similar Part No. - PI6CU877

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
Precision Clock Synthesizer for Mobile PCs
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
More results

Similar Description - PI6CU877

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88PL117 MOTOROLA-MC88PL117 Datasheet
139Kb / 11P
CMOS PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6CV855 PERICOM-PI6CV855 Datasheet
303Kb / 9P
PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CVF857 PERICOM-PI6CVF857 Datasheet
304Kb / 14P
1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
logo
Rohm
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
DDR/DDR2 (For memory module) SPD Memory
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
DDR/DDR2 (For memory module) SPD Memory
BR34L02FV-W ROHM-BR34L02FV-W_09 Datasheet
464Kb / 18P
DDR1/DDR2 For memory module) SPD Memory
logo
Asahi Kasei Microsystem...
AK8150CU AKM-AK8150CU Datasheet
371Kb / 6P
1.8V/3.0V Single-PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com