Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862P Datasheet(PDF) 73 Page - Motorola, Inc

Part # MPC862P
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862P Datasheet(HTML) 73 Page - Motorola, Inc

Back Button MPC862P Datasheet HTML 69Page - Motorola, Inc MPC862P Datasheet HTML 70Page - Motorola, Inc MPC862P Datasheet HTML 71Page - Motorola, Inc MPC862P Datasheet HTML 72Page - Motorola, Inc MPC862P Datasheet HTML 73Page - Motorola, Inc MPC862P Datasheet HTML 74Page - Motorola, Inc MPC862P Datasheet HTML 75Page - Motorola, Inc MPC862P Datasheet HTML 76Page - Motorola, Inc MPC862P Datasheet HTML 77Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
73
Mechanical Data and Ordering Information
14
Mechanical Data and Ordering Information
Table 33 provides information on the MPC862/857T/857DSL derivative devices.
Table 34 identifies the packages and operating frequencies orderable for the MPC862/857T/857DSL
derivative devices.
Table 33. MPC862/857T/857DSL Derivatives
Device
Number
of
SCCs 1
1 Serial communications controller (SCC)
Ethernet
Support
Multi-Channel
HDLC Support
ATM Support
Cache Size
Instruction
Data
MPC862T
Four
10/100 Mbps
Yes
Yes
4 Kbytes
4 Kbytes
MPC862P
Four
10/100 Mbps
Yes
Yes
16 Kbytes
8 Kbytes
MPC857T
One (SCC1)
10/100 Mbps
Yes
Yes
4 Kbytes
4 Kbytes
MPC857DSL
One (SCC1)
10/100 Mbps
No
Up to 4 addresses
4 Kbytes
4 Kbytes
Table 34. MPC862/857T/857DSL Package/Frequency Orderable
Package Type
Temperature (Tj)
Frequency (MHz)
Order Number
Plastic ball grid array
(ZP suffix)
0°C to 95°C
50
XPC862PZP50B
XPC862TZP50B
XPC857TZP50B
XPC857DSLZP50B
66
XPC862PZP66B
XPC862TZP66B
XPC857TZP66B
XPC857DSLZP66B
80
XPC862PZP80B
XPC862TZP80B
XPC857TZP80B
100
XPC862PZP100B
XPC862TZP100B
XPC857TZP100B
Plastic ball grid array
(CZP suffix)
-40°C to 115°C
66 1
1 Additional extended temperature devices can be made available at 50MHz, 66MHz, and
80MHz
XPC862PCZP66B
XPC857TCZP66B
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com