Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862P Datasheet(PDF) 76 Page - Motorola, Inc

Part # MPC862P
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862P Datasheet(HTML) 76 Page - Motorola, Inc

Back Button MPC862P Datasheet HTML 72Page - Motorola, Inc MPC862P Datasheet HTML 73Page - Motorola, Inc MPC862P Datasheet HTML 74Page - Motorola, Inc MPC862P Datasheet HTML 75Page - Motorola, Inc MPC862P Datasheet HTML 76Page - Motorola, Inc MPC862P Datasheet HTML 77Page - Motorola, Inc MPC862P Datasheet HTML 78Page - Motorola, Inc MPC862P Datasheet HTML 79Page - Motorola, Inc MPC862P Datasheet HTML 80Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
76
MPC862/857T/857DSL Hardware Specifications
MOTOROLA
Mechanical Data and Ordering Information
Mechanical Data and Ordering Information
BG
E2
Bidirectional
BB
E1
Bidirectional
Active Pull-up
FRZ
IRQ6
G3
Bidirectional
IRQ0
V14
Input
IRQ1
U14
Input
M_TX_CLK
IRQ7
W15
Input
CS[0:5]
C3, A2, D4, E4, A4, B4
Output
CS6
CE1_B
D5
Output
CS7
CE2_B
C4
Output
WE0
BS_B0
IORD
C7
Output
WE1
BS_B1
IOWR
A6
Output
WE2
BS_B2
PCOE
B6
Output
WE3
BS_B3
PCWE
A5
Output
BS_A[0:3]
D8, C8, A7, B8
Output
GPL_A0
GPL_B0
D7
Output
OE
GPL_A1
GPL_B1
C6
Output
GPL_A[2:3]
GPL_B[2:3]
CS[2–3]
B5, C5
Output
UPWAITA
GPL_A4
C1
Bidirectional
UPWAITB
GPL_B4
B1
Bidirectional
GPL_A5
D3
Output
PORESET
R2
Input
Table 35. Pin Assignments (continued)
Name
Pin Number
Type
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com