Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862P Datasheet(PDF) 86 Page - Motorola, Inc

Part # MPC862P
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862P Datasheet(HTML) 86 Page - Motorola, Inc

Back Button MPC862P Datasheet HTML 80Page - Motorola, Inc MPC862P Datasheet HTML 81Page - Motorola, Inc MPC862P Datasheet HTML 82Page - Motorola, Inc MPC862P Datasheet HTML 83Page - Motorola, Inc MPC862P Datasheet HTML 84Page - Motorola, Inc MPC862P Datasheet HTML 85Page - Motorola, Inc MPC862P Datasheet HTML 86Page - Motorola, Inc MPC862P Datasheet HTML 87Page - Motorola, Inc MPC862P Datasheet HTML 88Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
86
MPC862/857T/857DSL Hardware Specifications
MOTOROLA
Document Revision History
Document Revision History
15
Document Revision History
Table 36 lists significant changes between revisions of this document.
Table 36. Document Revision History
Rev. No.
Date
Substantive Changes
0
2001
Initial revision
0.1
9/2001
Change extended temperature from 95 to 105
0.2
11/2001
Revised for new template, changed Table 7 B23 max value @ 66 MHz from 2 ns to 8 ns.
0.3
4/2002
• Timing modified and equations added, for Rev. A and B devices.
• Modified power numbers and temperature ranges. Added ESAR UTOPIA timing.
1.0
9/2002
• Specification changed to include the MPC857T and MPC857DSL.
• Changed maximum operating frequency from 80 MHz to 100 MHz.
• Removed MPC862DP, DT, and SR derivatives and part numbers.
• Corrected power dissipation numbers.
• Changed UTOPIA maximum frequency from 50 MHz to 33 MHz.
• Changed part number ordering information to Rev. B devices only.
• To maximum ratings for temperature, added frequency ranges.
1.1
5/2003
Changed SPI Master Timing Specs. 162 and 164
1.2
8/2003
• Changed B28a through B28d and B29b to show that TRLX can be 0 or 1.
• Non-technical reformatting
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com