Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862P Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC862P
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862P Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC862P Datasheet HTML 6Page - Motorola, Inc MPC862P Datasheet HTML 7Page - Motorola, Inc MPC862P Datasheet HTML 8Page - Motorola, Inc MPC862P Datasheet HTML 9Page - Motorola, Inc MPC862P Datasheet HTML 10Page - Motorola, Inc MPC862P Datasheet HTML 11Page - Motorola, Inc MPC862P Datasheet HTML 12Page - Motorola, Inc MPC862P Datasheet HTML 13Page - Motorola, Inc MPC862P Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
10
MPC862/857T/857DSL Hardware Specifications
MOTOROLA
Power Dissipation
Power Dissipation
5
Power Dissipation
Table 4 provides power dissipation information. The modes are 1:1, where CPU and bus speeds are equal,
and 2:1 mode, where CPU frequency is twice bus speed.
NOTE
Values in Table 4 represent VDDL based power dissipation and do not
include I/O power dissipation over VDDH. I/O power dissipation varies
widely by application due to buffer current, depending on external
circuitry.
Table 4. Power Dissipation (PD)
Die Revision
Frequency
Typical 1
1 Typical power dissipation is measured at 3.3 V.
Maximum 2
2 Maximum power dissipation is measured at 3.5 V.
Unit
0
(1:1 Mode)
50 MHz
656
735
mW
66 MHz
TBD
TBD
mW
A.1, B.0
(1:1 Mode)
50 MHz
630
760
mW
66 MHz
890
1000
mW
A.1, B.0
(2:1 Mode)
66 MHz
910
1060
mW
80 MHz
1.06
1.20
W
B.0
(2:1 Mode)
100 MHz
1.35
1.54
W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com