Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1801 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SSD1801
Description  LCD Segment / Common Driver with Controller for Character Display System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1801 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SSD1801 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
SOLOMON
Rev 1
.1
01/2003
SSD1801 Series
20
Software control of 1/4 and 1/5 bias ratio to match the characteristic of LCD panel.
Reset Circuit
This block includes Power On Reset circuitry and the Reset pin RES . Both of these having the same reset
function. Once RES receives a negative reset pulse, all internal circuitry will start to initialize. Minimum pulse width
for completing the reset sequence is 10ms.
The status of the chip after reset is given by:
1. Display/ cursor/ blink is turned OFF
2. 2-line display mode
3. Power control register is set to 000b
4. Oscillator is OFF
5. Power save is OFF
6. CGRAM is not used
7. Shift register data clear in serial interface
8. Bias ratio is set to 1/5
9. Address counter is set to 00h
10. Normal scan direction of the COM outputs
11. Contrast control register is set to 00h
12. Test mode is turned OFF
13. In case of 4-bit interface mode selection, SSD1801 considers the 1st 4-bit data from MPU as the
high order bits.
14. The 1st line of display is the address 00h-0Fh.
Display Data Latch
A series of registers carrying the display signal information. For SSD1801, there are 105 latches (80 + 25) for
holding the data, which will be fed to the HV Buffer Cell and Level Selector to output the required voltage levels.
Level Selector
Level Selector is a control of the display synchronization. Display voltage can be separated into two sets and
used with different cycles. Synchronization is important since it selects the required LCD voltage level to the HV
Buffer Cell, which in turn outputs the COM or SEG LCD waveform.
HV Buffer Cell (Level Shifter)
Buffer Cell work as a level shifter which translates the low voltage output signal to the required driving voltage.
The output is shifted out with an internal FRM clock which comes from the Display Timing Generator. The voltage
levels are given by the level selector which is synchronized with the internal M signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com