Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1801 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SSD1801
Description  LCD Segment / Common Driver with Controller for Character Display System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1801 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SSD1801 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
SSD1801 Series
Rev 1.1
01/2003
SOLOMON
11
COMI0, COMI1
There are two icons pins (pin 66 and 165) on SSD1801Z and (pin47 and 140) on SSD1801AV. Both pins output
exactly the same signal. The reason for duplicating the pin is to enhance the flexibility of the LCD layout.
COM0 - COM23
These pins provide the common driving signal COM0 - COM23 to the LCD panel. In case of 2-line display mode,
COM0 - COM15 will be used, and in 3-line mode, all common signals will be used to drive LCD panel. Their output
voltage levels are AVss during sleep mode and standby mode.
SEG0 - SEG79
These pins provide the LCD segment driving signals. Their output voltage levels are AVSS during sleep mode and
standby mode.
NC
These are the No Connection pins. Nothing should be connected to these pins, nor they are connected together.
These pins should be left open individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com