Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1801 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SSD1801
Description  LCD Segment / Common Driver with Controller for Character Display System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1801 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SSD1801 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
SSD1801 Series
Rev 1.1
01/2003
SOLOMON
17
Character Generator RAM (CGRAM)
CGRAM has up to 5 x 8 dots 8 characters. By writing font data to CGRAM, user defined character can be used.
CGRAM can be written regardless of Function Set instruction.
Table 6 - Relationship between Character Code (DDRAM) and Character Pattern (CGRAM)
ICONRAM bits
Character Code
(DDRAM data)
CGRAM address
D7
D6
D5
D4
D3
D2
D1
D0
00h (Pattern 0)
40h
41h
42h
43h
44h
45h
46h
47h
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
01h (Pattern 1)
48h
49h
4Ah
4Bh
4Ch
4Dh
4Eh
4Fh
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
02h (Pattern 2)
50h
51h
52h
53h
54h
55h
56h
57h
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
03h (Pattern 3)
58h
59h
5Ah
5Bh
5Ch
5Dh
5Eh
5Fh
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
04h (Pattern 4)
60h
61h
62h
63h
64h
65h
66h
67h
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
05h (Pattern 5)
68h
69h
6Ah
6Bh
6Ch
6Dh
6Eh
6Fh
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com