Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1801 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSD1801
Description  LCD Segment / Common Driver with Controller for Character Display System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1801 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSD1801 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SEMICONDUCTOR TECHNICAL DATA
This document contains information on a new product. Specification and information herein are subject to change without notice.
Copyright
 2003 SOLOMON Systech Limited
Rev 1.1
01/2003
SSD1801
Advance Information
LCD Segment / Common Driver with Controller
for Character Display System
CMOS
GENERAL DESCRIPTION
SSD1801 is a single-chip CMOS LCD driver with controller for liquid crystal dot-matrix character display
system. It consists of 105 high voltage driving output pins for driving 80 Segments, 24 Commons and 1 icon
driving-Common. It can display 2 or 3 lines of 16 characters with 5x8 dots format. The double height character
mode and line vertical scroll functions are supported.
SSD1801 displays character directly from its internal 10,240 bits (256 characters x 5 x 8 dots) Character
Generator ROM (CGROM). All the character codes are stored in the 512 bits (16 character x 4 lines) Data
Display RAM (DDRAM). User defined character can be loaded via 320 bits (8 characters x 5 x 8 dots) Character
Generator RAM (CGRAM). In addition, there is a 80 bits Icon RAM for Icon display. Data/ Commands are sent
from general MCU through a software selectable 6800-/8080-series compatible 4/ 8-bit Parallel Interface or Serial
Peripheral Interface.
SSD1801 embeds a DC-DC Converter, Voltage Regulator, Voltage divider and RC oscillator which reduce
the number of external components. With the special design on minimizing power consumption and die size,
SSD1801 is suitable for portable battery-driven applications requiring a long operation period and a compact
size.
FEATURES
Single Supply Operation, 2.4V - 3.6V
Maximum 5.8V LCD Driving Output Voltage
Low Current Sleep Mode
On-Chip 2x/3x DC-DC Converter/ External Power Supply
On-Chip RC Oscillator/ External Clock
On-Chip Voltage Regulator
On-Chip Voltage Divider with programmable bias ratio (1/4, 1/5)
32 Level Internal Contrast Control/ External Contrast Control
2 or 3 lines x 16 characters with 5x8 dots format display and 80 icons
Double Height Character Mode, Blink Mode, Cursor Display and Line Vertical Scroll Functions
Row remapping and column remapping (4-type LCD application available)
8/4-bit 6800-series Parallel Interface, 8/4-bit 8080-series Parallel Interface and Serial Peripheral Interface
256 Build in characters and 8 user defined characters
On-Chip Memories
Character Generator ROM (CGROM): 10240 bits (256 characters x 5 x 8 dots)
Character Generator RAM (CGRAM): 320 bits (8 characters x 5 x 8 dots)
Display Data RAM (DDRAM): 512 bits (16 characters x 4 lines)
Segment Icon RAM (ICONRAM): 80 bits (80 icons)
Available in Gold Bump Die and Bare Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com