Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8380JS Datasheet(PDF) 6 Page - Analog Devices

Part # AD8380JS
Description  Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8380JS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8380JS Datasheet HTML 2Page - Analog Devices AD8380JS Datasheet HTML 3Page - Analog Devices AD8380JS Datasheet HTML 4Page - Analog Devices AD8380JS Datasheet HTML 5Page - Analog Devices AD8380JS Datasheet HTML 6Page - Analog Devices AD8380JS Datasheet HTML 7Page - Analog Devices AD8380JS Datasheet HTML 8Page - Analog Devices AD8380JS Datasheet HTML 9Page - Analog Devices AD8380JS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
AD8380
–6–
t = 0
10ns/DIV
VMID + VFS
VMID
25
CL
150pF
VIDX
VMID+ VFS
VMID = 7V
VFS = 5V
INV = H
TPC 7. Output Settling Time Response to 1% of Full
Scale (Rising Edge) at CL
t = 0
VMID
VMID = 7V
VFS = 5V
INV = H
VMID + VFS
VMID
25
CL
150pF
VIDX
10ns/DIV
TPC 8. Output Settling Time Response to 1% of Full
Scale (Falling Edge) at CL
t = 0
10ns/DIV
VMID + VFS
VMID
25
CL
150pF
VIDX
VMID = 7V
VFS = 5V
INV = H
VMID + VFS
TPC 9. Output Settling Time Response to 0.25% of Full
Scale (Rising Edge) at CL
t = 0
10ns/DIV
VMID
VMID = 7V
VFS = 5V
INV = H
VMID + VFS
VMID
25
CL
150pF
VIDX
TPC 10. Output Settling Time Response to 0.25% of Full
Scale (Falling Edge) at CL
TEMPERATURE – C
060
90
–7.5
–5.5
–3.5
–1.5
1.5
3.5
5.5
7.5
10
20
30
40
50
70
80
CODE 482
0
CODE 738
TPC 11. Differential Error Voltage (VDE) vs. Temperature
TEMPERATURE – C
060
90
–3.5
3.5
10
20
30
40
50
70
80
2.5
1.5
0.5
–0.5
–1.5
–2.5
CODE 738
CODE 482
0
TPC 12. Common-Mode Error Voltage (VCME) vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com