Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8380JS Datasheet(PDF) 10 Page - Analog Devices

Part # AD8380JS
Description  Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8380JS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8380JS Datasheet HTML 6Page - Analog Devices AD8380JS Datasheet HTML 7Page - Analog Devices AD8380JS Datasheet HTML 8Page - Analog Devices AD8380JS Datasheet HTML 9Page - Analog Devices AD8380JS Datasheet HTML 10Page - Analog Devices AD8380JS Datasheet HTML 11Page - Analog Devices AD8380JS Datasheet HTML 12Page - Analog Devices AD8380JS Datasheet HTML 13Page - Analog Devices AD8380JS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
AD8380
–10–
SVGA System Operation
An SVGA system is characterized by the requirement of six
channels of panel drive for each displayed color. Such a system
would use a single AD8380 per color.
With E/
O and all address bits A[0:2] set high, channel loading
commences on the first rising edge of CLK following a valid
assertion of the Start Sequence (STSQ) input. The second stage
latches, and therefore the video outputs, are updated on the
first falling edge of the clock following a valid Transfer (XFR)
signal. (See Figure 5 for signal timing details.)
t
1
t
2
50
5
0
t
7
2.0V
0.8V
t
7
2.0V
0.8V
t
3
t
4
t
5
t
6
DB[0:9]
CLK
STSQ/CS
XFR
Figure 5. Sequenced SVGA Timing (A[0:2] = HIGH, E/
O =
HIGH, See Table I)
Table I. Sequenced SVGA Data Byte to Channel Assignment
Channel Number
Data Byte Number
E/
O = HIGH
VID0
0
R/
L = LOW
VID1
1
VID2
2
VID3
3
VID4
4
VID5
5
Load Sequence Switching (Right/Left Control)
To facilitate image mirroring, the order in which channels are
loaded can be easily switched. When the voltage on the right/left
control input (R/
L) is low, the internal sequencer will load data
starting with Channel 0 and counting up to Channel 5. When
this voltage is high, channel loading will be in reverse order, from
Channel 5 down to Channel 0.
XGA System Operation
In an XGA system, twelve column drivers (two AD8380s) are
required for each color (refer to Figure 6). An “even/odd”
system, in which one AD8380 drives even numbered columns
and another drives odd numbered columns, can be easily imple-
mented as detailed in Figures 7 and 8. A clock at one-half the
pixel rate is applied to the CLK input. Even bytes are loaded on
the rising edge of the clock, while odd bytes are loaded on the
falling edge. Identifying whether a chip is to load on rising or falling
edges is done by setting the proper level on the E/
O input.
STSQ_A
STSQ_B
XFR
E/
O_A
R/
L
INV
E/
O_B
CLKIN
STSQ/CS
XFR
E/O
R/L
INV
3
DVCC
6
A[0:2]
VIDEO
OUT
CLK
AD8380
DEVICE “A”
DB[0:9]
STSQ/CS
XFR
E/
O
R/
L
INV
6
VIDEO
OUT
CLK
AD8380
DEVICE “B”
DB[0:9]
3
DVCC
VIDEO
DB[0:9]
DCLK/2
10
1 COLOR OF ‘EVEN/ODD’ XGA
A[0:2]
PANEL
CONTROLLER
IMAGE
PROCESSOR
Figure 6. Even/Odd: Outputs of Devices A and B are
Configured as Even and Odd Data Channels and Loading
Sequence Is Defined by Status of E /
O and R /L Inputs
t
1
t
2
t
3
t
4
t
5
t
6
DB[0:9]
CLK
(EVEN
CHIP)
STSQ
/CS
(EVEN
CHIP)
XFR
A0:A2 = HIGH
0
10
0
11
9
10
11
t
1
t
2
t
3
t
4
CLK
(ODD
CHIP)
STSQ
/CS
(ODD
CHIP)
Figure 7. Sequenced Even/Odd XGA Timing, A[0:2] =
HIGH (See Table II)
Table II. Sequenced Even/Odd XGA Data Byte to
Channel Assignment
Data Byte Number
Channel Number
R/
L = LOW
R/
L = HIGH
E/
O = HIGH
VID0
0
10
VID1
2
8
VID2
4
6
VID3
6
4
VID4
8
2
VID5
10
0
E/
O = LOW
VID0
1
11
VID1
3
9
VID2
5
7
VID3
7
5
VID4
9
3
VID5
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com