Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8380JS Datasheet(PDF) 3 Page - Analog Devices

Part # AD8380JS
Description  Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8380JS Datasheet(HTML) 3 Page - Analog Devices

  AD8380JS Datasheet HTML 1Page - Analog Devices AD8380JS Datasheet HTML 2Page - Analog Devices AD8380JS Datasheet HTML 3Page - Analog Devices AD8380JS Datasheet HTML 4Page - Analog Devices AD8380JS Datasheet HTML 5Page - Analog Devices AD8380JS Datasheet HTML 6Page - Analog Devices AD8380JS Datasheet HTML 7Page - Analog Devices AD8380JS Datasheet HTML 8Page - Analog Devices AD8380JS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. B
–3–
AD8380
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
NC
No Connect.
2–11
DB[0:9]
Video Data Inputs. DB9 is the MSB.
12
E/
O
Even/Odd data select, input latches are loaded at the falling edge of CLK if E/
O is low or
rising edge if E/
O is high.
13
R/
L
Determines starting point of internally generated channel-loading sequence.
R/
L Low (when address = 111) loads from Channel 0 up to Channel 5.
14
INV
When high, analog video outputs are above the VMID setpoint. See Figure 3.
15, 16
DVEE, DVCC
Digital Supplies. Nominally 3.3 V and 0 V, respectively.
17, 20, 22, 24,
26, 28, 30, 32,
34, 37, 38
AVCCxxx, AVEExxx Analog Supplies. Nominally 15 V and 0 V, respectively.
18
STBY
Stand By. When high, all digital and analog circuits are “debiased” and the power dissipation
drops to a minimum.
19
BYP
An external capacitor connected from here to VEE will help to ensure rapid DAC settling time.
21
VMID
Externally supplied voltage applied here sets the midpoint reference for the video output.
23, 25, 27, 29,
31, 33
VID5–VID0
Analog Video Outputs.
36, 35
VREFHI, VREFLO Voltage between these pins sets DAC full-scale range. An external reference must be applied
and should be common to all devices to ensure best tracking.
39–41
A[0:2]
3-bit channel address for addressable loading of the digital input latches.
42
STSQ/CS
STSQ to start internal sequencing or Chip Select to enable addressable channel addressing.
See functional description. Used in conjunction with A[0:2].
43
XFR
If XFR = HIGH at the rising edge of CLK, data is transferred to the DACs on the next falling
edge of CLK. See Figures 4, 6, 7, and 8.
44
CLK
Master Clock Input.
CHANNEL SELECTION FUNCTIONALITY
There are two channel selection modes, addressed channel
loading, (in which the user directly controls which DAC is
loaded), and internally sequenced loading (in which the user
controls the direction and clock phase in which the loading
proceeds).
ADDRESSED CHANNEL LOADING:
When channel address (A0, A1, A2) = 000 through 101, the
video data is loaded into Channels 0 through 5. (STSQ/CS
functions as “Chip Selection” this case.)
INTERNALLY SEQUENCED LOADING:
When channel address = 111 the video data is loaded in a
sequence determined internally. The sequencing is initiated by
a pulse applied to STSQ/CS input. The count proceeds from
0 to 5 if R/
L is LOW or from 5 to 0 if R/L is HIGH.
DAC TRANSFER FUNCTION
VOUT = VMID + VFS
× (1 – N/1023); if INV is HIGH,
VOUT = VMID – VFS
× (1 – N/1023); if INV is LOW
where VFS = 2
× (VREFHI – VREFLO)
MAXIMUM OUTPUT VOLTAGE
The maximum output signal swing is constrained by the output
voltage compliance of the DACs and the output dynamic range
of the output amplifiers. The minimum voltage allowed at the
outputs of the DACs is about 6 V. This constrains the minimum
value of VMID to be 6 V. The output amplifiers will swing and
settle cleanly, as described on the specification page, for output
voltages within 1.5 V from each supply voltage rail.
For a given value of VMID, the voltage required to saturate the
video output voltages defines the maximum usable full-scale
voltage. For example, if VMID is less than AVCC/2, the maxi-
mum value of VFS is (VMID – 1.5 V). If VMID is greater than
AVCC/2, the maximum useful VFS is (AVCC – 1.5 – VMID).
Figure 1 graphically describes these limiting factors.
6
7.5
VMID – Volts
6
4.5
Figure 1. Valid Range for VMID with Respect to VFS
(AVCC = 15 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com