Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8380JS Datasheet(PDF) 8 Page - Analog Devices

Part # AD8380JS
Description  Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8380JS Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8380JS Datasheet HTML 4Page - Analog Devices AD8380JS Datasheet HTML 5Page - Analog Devices AD8380JS Datasheet HTML 6Page - Analog Devices AD8380JS Datasheet HTML 7Page - Analog Devices AD8380JS Datasheet HTML 8Page - Analog Devices AD8380JS Datasheet HTML 9Page - Analog Devices AD8380JS Datasheet HTML 10Page - Analog Devices AD8380JS Datasheet HTML 11Page - Analog Devices AD8380JS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
AD8380
–8–
CLK
OUTPUT @ CODE 0
2V/DIV
20ns/DIV
1mV/DIV
VFS = 5V
VMID = 7V
INV = L
RS = 25
CL = 150pF
TPC 19. Clock Switching Transient (Feedthrough) at CL
DATA
OUTPUT
@ CODE 1023
2V/DIV
20ns/DIV
5mV/DIV
VFS = 5V
VMID = 7V
INV = L
RS = 25
CL = 150pF
TPC 20. Data Switching Transient (Feedthrough) at CL
VID5
(QUIET)
20mV/DIV
10ns/DIV
2.5V/DIV
VID0,1,2,3,4
VFS = 5V
VMID = 7V
INV = L
RS = 25
CL = 150pF
TPC 21. All-Hostile Crosstalk at CL
FREQUENCY – Hz
60
0
–80
–60
–40
–20
40
20
10k
5M
100k
1M
VOUTP (INV = L)
VOUTN (INV = H)
TPC 22. AVCC Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com